Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT801-S Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # MBT801-S
Description  surface-mount LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

MBT801-S Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button MBT801-S Datasheet HTML 3Page - Seoul Semiconductor MBT801-S Datasheet HTML 4Page - Seoul Semiconductor MBT801-S Datasheet HTML 5Page - Seoul Semiconductor MBT801-S Datasheet HTML 6Page - Seoul Semiconductor MBT801-S Datasheet HTML 7Page - Seoul Semiconductor MBT801-S Datasheet HTML 8Page - Seoul Semiconductor MBT801-S Datasheet HTML 9Page - Seoul Semiconductor MBT801-S Datasheet HTML 10Page - Seoul Semiconductor MBT801-S Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev. 00
Rev. 00
November 2007
November 2007
www.ZLED.com
www.ZLED.com
7. soldering
10 sec. Max.
Soldering time Condition
240℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
120~150℃
Pre-heat
Lead Solder
10 sec. Max.
Soldering time Condition
260℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
150~200℃
Pre-heat
Lead Free Solder
260 C Max.
10 sec. Max.
o
60sec. Max.
Above 220 C
120sec. Max.
Pre-heating
150~200 C
1~5 C / sec.
o
o
o
o
1~5 C / sec.
Lead Solder
2.5~5 C / sec.
o
o
o
Pre-heating
120~150 C
120sec. Max.
60sec. Max.
Above 200 C
o
240 C Max.
10 sec. Max.
2.5~5 C / sec.
(1) Lead Solder
(2) Lead-Free Solder
Lead-frame Solder
(3) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated
part.
So when using the chip mounter, the picking up nozzle that does not affect
the silicone resign should be used.
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.


Similar Part No. - MBT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
MBT801 SEOUL-MBT801 Datasheet
475Kb / 10P
   surface-mount LED
More results

Similar Description - MBT801-S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com