Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1612EMS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1612EMS8
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612EMS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1612EMS8 Datasheet HTML 4Page - Linear Technology LT1612EMS8 Datasheet HTML 5Page - Linear Technology LT1612EMS8 Datasheet HTML 6Page - Linear Technology LT1612EMS8 Datasheet HTML 7Page - Linear Technology LT1612EMS8 Datasheet HTML 8Page - Linear Technology LT1612EMS8 Datasheet HTML 9Page - Linear Technology LT1612EMS8 Datasheet HTML 10Page - Linear Technology LT1612EMS8 Datasheet HTML 11Page - Linear Technology LT1612EMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1612
sn1612 1612fs
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
Dimension in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
MSOP (MS8) 1100
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.043
(1.10)
MAX
0.009 – 0.015
(0.22 – 0.38)
0.005
± 0.002
(0.13
± 0.05)
0.034
(0.86)
REF
0.0256
(0.65)
BSC
12
3
4
0.193
± 0.006
(4.90
± 0.15)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)


Similar Part No. - LT1612EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612EMS8 LINER-LT1612EMS8 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results

Similar Description - LT1612EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com