Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1612ES8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1612ES8
Description  Synchronous, Step-Down 800kHz PWM DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1612ES8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1612ES8 Datasheet HTML 2Page - Linear Technology LT1612ES8 Datasheet HTML 3Page - Linear Technology LT1612ES8 Datasheet HTML 4Page - Linear Technology LT1612ES8 Datasheet HTML 5Page - Linear Technology LT1612ES8 Datasheet HTML 6Page - Linear Technology LT1612ES8 Datasheet HTML 7Page - Linear Technology LT1612ES8 Datasheet HTML 8Page - Linear Technology LT1612ES8 Datasheet HTML 9Page - Linear Technology LT1612ES8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1612
sn1612 1612fs
Figure 2. Recommended Component Placement. Traces
Carrying High Current are Direct. Trace Area at FB Pin and VC
Pin Is Kept Low. Lead Length to Battery Should Be Kept Short
1
2
8
7
3
4
6
5
L1
C2
R1
C3
LT1612
VOUT
VIN
GND
SHDN
1612 F02
MODE
MULTIPLE
VIAs
C1
R2
RC
CC
OPERATIO
The LT1612 employs fixed frequency, current mode con-
trol. This type of control uses two feedback loops. The
main control loop sets output voltage and operates as
follows: A load step causes VOUT and the FB voltage to be
perturbed slightly. The error amplifier responds to this
change in FB by driving the VC pin either higher or lower.
Because switch current is proportional to the VC pin
voltage, this change causes the switch current to be
adjusted until VOUT is once again satisfied. Loop compen-
sation is taken care of by an RC network from the VC pin
to ground.
Inside this main loop is another that sets current limit on
a cycle-by-cycle basis. This loop utilizes current compara-
tor A2 to control peak current. The oscillator runs at
800kHz and issues a set pulse to the flip-flop at the
beginning of each cycle, turning the switch on. With the
switch now in the ON state the SW pin is effectively
connected to VIN. Current ramps up in the inductor linearly
at a rate of (VIN – VOUT)/L. Switch current is set by the VC
pin voltage and when the voltage across RSENSE trips the
current comparator, a reset pulse will be generated and the
switch will be turned off. Since the inductor is now loaded
up with current, the SW pin will fly low and trigger the
rectifier to turn on. Current will flow through the rectifier
decreasing at a rate of VOUT/L until the oscillator issues a
new set pulse, causing the cycle to repeat.
If the load is light and VC decreases below A3’s trip point,
the device will enter the Burst Mode operation region (the
MODE pin must be at ground or floating). In this state the
oscillator and all other circuitry except the reference and
comparator A3 are switched on and off at low frequency.
This mode of operation increases efficiency at light loads
but introduces low frequency voltage ripple at the output.
For continuous switching and no low frequency output
voltage ripple, pull the MODE pin high. This will disable
comparator A3 which forces the oscillator to run
continuously.
Layout Hints
The LT1612 switches current at high speed, mandating
careful attention to layout for proper performance.
You
will not get advertised performance with careless layout.
Figure 2 shows recommended component placement for
a buck (step-down) converter. Follow this closely in your
PC layout. Note the direct path of the switching loops.
Input capacitor C1 must be placed close (< 5mm) to the IC
package. As little as 10mm of wire or PC trace from CIN to
VIN will cause problems such as inability to regulate or
oscillation.
The ground terminal of input capacitor C1 should tie close
to Pin 4 of the LT1612. Doing this reduces dI/dt in the
ground copper which keeps high frequency spikes to a
minimum. The DC/DC converter ground should tie to the
PC board ground plane at one place only, to avoid intro-
ducing dI/dt in the ground plane.


Similar Part No. - LT1612ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612ES8 LINER-LT1612ES8 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results

Similar Description - LT1612ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com