Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5393 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # 1N5393
Description  1.5AMP. Standard Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N5393 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N5393 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5393 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr.2008 Release / Orig.
Page 1
Preliminary Data Sheet
1N5391 THRU 1N5399
1.5AMP.
Standard Silicon Rectifiers
VOLTAGE:50 TO 1000V
CURRENT:1.5A
Specification Features:
Case: Epoxy, Molded
Weight: 0.4Gram (Approximately)
High current capability, Low leakage current
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
1N
5391
1N
5392
1N
5393
1N
5395
1N
5397
1N
5398
1N
5399
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
1.5
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
50
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Resistance (Note 1)
(Junction to Ambient)
RθJA
50
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
1N
5391
1N
5392
1N
5393
1N
5395
1N
5397
1N
5398
1N
5399
Units
Reverse Current @VR
IR
5
uA
Forward Voltage @1.5A
VF
1.1
V
Total Capacitance (Note 2)
@VR=4V, f=1MHz
CT
25
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
(2) Measured at 1 MHz and applied reverse voltage of 4.0V D.C.
AXIAL LEAD
DO-15
DEVICE MARKING DIAGRAM
1N53XX
: Device Name 1N5391~1N5399
KEL
: KEL Logo


Similar Part No. - 1N5393

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1N5393 YANGJIE-1N5393 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Pan Jit International I...
1N5393 PANJIT-1N5393 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5393 TSC-1N5393 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Dc Components
1N5393 DCCOM-1N5393 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
1N5393 BILIN-1N5393 Datasheet
281Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N5393

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5391J05 TAITRON-1N5391J05 Datasheet
198Kb / 6P
   1.5Amp Standard Rectifiers
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
   1.5AMP. Silicon Rectifiers
1N5391S LUGUANG-1N5391S Datasheet
181Kb / 2P
   1.5AMP. Silicon Rectifiers
logo
Tiger Electronic Co.,Lt...
SB220 TGS-SB220 Datasheet
47Kb / 2P
   1.5AMP PLASTIC SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
FR151 SECOS-FR151 Datasheet
83Kb / 2P
   1.5AMP Fast Recovery Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
HER151 SECOS-HER151 Datasheet
76Kb / 2P
   1.5AMP High Efficiency Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com