Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1618EMS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1618EMS
Description  Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618EMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1618EMS Datasheet HTML 3Page - Linear Technology LT1618EMS Datasheet HTML 4Page - Linear Technology LT1618EMS Datasheet HTML 5Page - Linear Technology LT1618EMS Datasheet HTML 6Page - Linear Technology LT1618EMS Datasheet HTML 7Page - Linear Technology LT1618EMS Datasheet HTML 8Page - Linear Technology LT1618EMS Datasheet HTML 9Page - Linear Technology LT1618EMS Datasheet HTML 10Page - Linear Technology LT1618EMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1618
7
sn1618 1618fas
APPLICATIONS INFORMATION
Setting Output Voltage
To set the output voltage, select the values of R1 and R2
(see Figure 1) according to the following equation.
RR
VOUT
12
1 263
1
=
.
For current source applications, use the FB pin for over-
voltage protection. Pick R1 and R2 so that the output
voltage will not go too high if the load is disconnected or
if the load current drops below the preset value. Typically
choose R1 and R2 so that the overvoltage value will be
about 20% to 30% higher than the normal output voltage
(when in constant-current mode). This prevents the volt-
age loop from interfering with the current loop in current
source applications. For battery charger applications, pick
the values of R1 and R2 to give the desired end of charge
voltage.
Selecting RSENSE/Current Sense Adjustment
Use the following formula to choose the correct current
sense resistor value (for constant current operation).
RSENSE = 50mV/IMAX
For designs needing an adjustable current level, the IADJ
pin is provided. With the IADJ pin tied to ground, the
nominal current sense voltage is 50mV (appearing be-
tween the ISP and ISN pins). Applying a positive DC
voltage to the IADJ pin will decrease the current sense
voltage according to the following formula:
V
VV
ISENSE
IADJ
=
1 263
0 8
25
.– ( . )
For example, if 1V is applied to the IADJ pin, the current
sense voltage will be reduced to about 18mV. This
adjustability allows the regulated current to be reduced
without changing the current sense resistor (e.g. to adjust
brightness in an LED driver or to reduce the charge current
in a battery charger). If the IADJ pin is taken above 1.6V,
the output of the error amplifier (the VC pin) will be pulled
down and the LT1618 will stop switching.
A pulse width modulated (PWM) signal can also be used
to adjust the current sense voltage; simply add an RC
filterto convert the PWM signal into a DC voltage for the
IADJ pin. If the IADJ pin is not used, it should be tied to
ground. Do not leave the pin floating.
For applications needing only a simple one-step current
sense adjustment, the circuit in Figure 2 works well. If a
large value resistor (≥2MΩ) is placed between the IADJ pin
and ground, the current sense voltage will reduce to about
25mV, providing a 50% reduction in current. Do not leave
the IADJ pin open. This method gives a well-regulated
current value in both states, and is controlled by a logic
signal without the need for a variable PWM or DC control
signal. When the NMOS transistor is on, the current sense
voltage will be 50mV, when it is off, the current sense
voltage will be reduced to 25mV.
Figure 2
LT1618
IADJ
2M
FULL
CURRENT
1618 F02
Considerations When Sensing Input Current
In addition to regulating the DC output current for current-
source applications, the constant-current loop of the
LT1618 can also be used to provide an accurate input
current limit. Boost converters cannot provide output
short-circuit protection, but the surge turn-on current can
be drastically reduced using the LT1618’s current sense
at the input. SEPICs, however, have an output that is DC-
isolated from the input, so an input current limit not only
helps soft-start the output but also provides excellent
short-circuit protection.


Similar Part No. - LT1618EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618EMS LINER-LT1618EMS Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMS LINER-LT1618EMS Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMS LINER-LT1618EMS Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
More results

Similar Description - LT1618EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-65 MEANWELL-LDH-65 Datasheet
597Kb / 6P
   DC-DC Step-Up Constant Current LED driver
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
CUI INC
VLD24-XXX CUI-VLD24-XXX Datasheet
583Kb / 4P
   constant current dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com