Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1618 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1618
Description  Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1618 Datasheet HTML 5Page - Linear Technology LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology LT1618 Datasheet HTML 11Page - Linear Technology LT1618 Datasheet HTML 12Page - Linear Technology LT1618 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1618
9
sn1618 1618fas
TYPICAL APPLICATIO S
LOAD CURRENT (mA)
0
80
75
70
65
60
50
100
150
200
1618 TA02b
250
300
4.5W Direct Broadcast Satellite (DBS) Power Supply with Short-Circuit Protection
Efficiency
LHCP
RHCP
0V
3.3V
SHDN
IADJ
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
100k
R2
10k
R5
24.9k
VIN
12V
C1
4.7µF
CC
33nF
C3
3.3µF
C4
3.3µF
1618 TA02a
D1
L1
33µH
L3
2.2µH
L2
33µH
3
2
1
9
8
7
GND
510
4
C1: TAIYO YUDEN EMK316BJ475
(408) 573-4150
C2: TAIYO YUDEN TMK316BJ105
(408) 573-4150
C3, C4: TAIYO YUDEN TMK325BJ335
(408) 573-4150
D1: ON SEMICONDUCTOR MBRM140
(800) 282-9855
L1, L2: SUMIDA CR54-330
(847) 956-0666
L3: SUMIDA CR43-2R2
(847) 956-0666
0.068Ω
RC
2k
C2
1µF
Q1
MMBT3904
Q1
FMMT717
ZETEX
D2
MURS110
13.5V/18.5V
22kHz
NETWORK
TUNING
R3
10k
R4
1k
ADD 5V


Similar Part No. - LT1618

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT1618 LINER-LT1618 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT1618 LINER-LT1618 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT1618 LINER-LT1618 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
More results

Similar Description - LT1618

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-65 MEANWELL-LDH-65 Datasheet
597Kb / 6P
   DC-DC Step-Up Constant Current LED driver
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
CUI INC
VLD24-XXX CUI-VLD24-XXX Datasheet
583Kb / 4P
   constant current dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com