Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # BAV19WS
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BAV19WS Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BAV19WS Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAV19WS Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAV19WS Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BAV19WS Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2008, Revision D
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
High Voltage Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
VRRM
Maximum Repetitive Reverse Voltage
250
V
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
+150
°C
IF (AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Current
Pulse Width = 1.0 Second
Pulse Width = 1.0 µsecond
1.0
4.0
A
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
Moisture Sensitivity Level 1
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
BAV19WS
S5
BAV20WS
S6
BAV21WS
S7
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
BAV19WS
BAV20WS
BAV21WS
IR=100µA
120
200
250
---
---
---
Volts
Volts
Volts
IR
Reverse Leakage Current
BAV19WS
BAV20WS
BAV21WS
VR=100V
VR=150V
VR=200V
---
---
---
100
100
100
nA
nA
nA
VF
Forward Voltage
IF=100mA
IF=200mA
---
---
1.0
1.25
Volts
Volts
TRR
Reverse Recovery Time
IF=IR=30mA
RL=100Ω
IRR=3mA
---
50
nS
C
Capacitance
VR=0V, f=1MHZ
---
5.0
pF


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BAV19WS CHENDA-BAV19WS Datasheet
447Kb / 4P
   Silicon Ep itaxial Planar Diode
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
RFE international
BAV19WS RFE-BAV19WS Datasheet
1Mb / 3P
   Small-Signal Switching Diodes
17-12-2021
logo
Zibo Seno Electronic En...
BAV19WS ZSELEC-BAV19WS Datasheet
142Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SEMTECH ELECTRONICS LTD...
BAV19WS SEMTECH_ELEC-BAV19WS Datasheet
312Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BAV21WSFL-A YEASHIN-BAV21WSFL-A Datasheet
836Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL-A YEASHIN-BAV19WSFL-A Datasheet
836Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL YEASHIN-BAV20WSFL Datasheet
822Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL YEASHIN-BAV19WSFL Datasheet
822Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL-A YEASHIN-BAV20WSFL-A Datasheet
836Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV21WSFL YEASHIN-BAV21WSFL Datasheet
822Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
1N4148WSFL-A YEASHIN-1N4148WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4148WSFL YEASHIN-1N4148WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com