Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1636CMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1636CMS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1636CMS8 Datasheet HTML 7Page - Linear Technology LT1636CMS8 Datasheet HTML 8Page - Linear Technology LT1636CMS8 Datasheet HTML 9Page - Linear Technology LT1636CMS8 Datasheet HTML 10Page - Linear Technology LT1636CMS8 Datasheet HTML 11Page - Linear Technology LT1636CMS8 Datasheet HTML 12Page - Linear Technology LT1636CMS8 Datasheet HTML 13Page - Linear Technology LT1636CMS8 Datasheet HTML 14Page - Linear Technology LT1636CMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1636
1636fc
APPLICATIONS INFORMATION
The normally reverse biased substrate diode from the
output to Vwill cause unlimited currents to flow when the
output is forced below V. If the current is transient and
limited to 100mA, no damage will occur.
The LT1636 is internally compensated to drive at least
200pF of capacitance under any output loading condi-
tions. A 0.22
µF capacitor in series with a 150Ω resistor
between the output and ground will compensate these
amplifiers for larger capacitive loads, up to 10,000pF, at
all output currents.
Distortion
There are two main contributors of distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current and distortion caused by
nonlinear common mode rejection. Of course, if the op
amp is operating inverting there is no common mode
induced distortion. When the LT1636 switches between
input stages there is significant nonlinearity in the CMRR.
Lower load resistance increases the output crossover
distortion, but has no effect on the input stage transition
distortion. For lowest distortion the LT1636 should be
operated single supply, with the output always sourcing
current and with the input voltage swing between ground
and (V+ – 0.8V). See the Typical Performance Character-
istics curves.
Gain
The open-loop gain is less sensitive to load resistance
when the output is sourcing current. This optimizes per-
formance in single supply applications where the load is
returned to ground. The typical performance photo of
Open-Loop Gain for various loads shows the details.
Shutdown
The LT1636 can be shut down two ways: using the
shutdown pin or bringing V+ to within 0.5V of V. When V+
is brought to within 0.5V of Vboth the supply current and
output leakage current drop to less than 1nA. When the
shutdown pin is brought 1.2V above V , the supply
current drops to about 4
µA and the output leakage current
is less than 1
µA,independentofV+.Ineithercasetheinput
bias current is less than 0.1nA (even if the inputs are 44V
above the negative supply).
The shutdown pin can be taken up to 32V above V . The
shutdown pin can be driven below V , however the pin
current through the substrate diode should be limited with
an external resistor to less than 10mA.
Input Offset Nulling
The input offset voltage can be nulled by placing a 10k
potentiometer between Pins 1 and 8 with its wiper to V
(see Figure 1). The null range will be at least
±1mV.
LT1636
10k
1636 F01
V
1
8
Figure 1. Input Offset Nulling


Similar Part No. - LT1636CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636CMS8 LINER-LT1636CMS8 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results

Similar Description - LT1636CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com