Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR105 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # FR105
Description  1.0AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

FR105 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  FR105 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd FR105 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Apr. 2008 Release / Orig
Page 2
Preliminary Data Sheet
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
(2) Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
Package Outline
Package
Case Outline
DO-41
DO-41
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.69
0.90
0.027
0.034
B
4.20
5.20
0.166
0.205
C
25.40
---
1.000
---
D
2.00
2.70
0.080
0.107
A
D
B
C


Similar Part No. - FR105

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR105 SURGE-FR105 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
FR105 YIXIN-FR105 Datasheet
252Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Diotech Company.
FR105 DIOTECH-FR105 Datasheet
670Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR105 MCC-FR105 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR105 MCC-FR105 Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR105

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4933 TAK_CHEONG-1N4933 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
1N4933 CHONGQING-1N4933_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR101 TGS-FR101 Datasheet
200Kb / 2P
   1.0AMP FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1_16 Datasheet
178Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Cystech Electonics Corp...
CFR10XLB CYSTEKEC-CFR10XLB Datasheet
137Kb / 3P
   1.0Amp. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
BA157 CHONGQING-BA157_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com