Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR303 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # FR303
Description  3.0AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

FR303 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  FR303 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd FR303 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr. 2008 Release / Orig
Page 1
Preliminary Data Sheet
FR301 THRU FR307
3.0AMP.
Fast Recovery Rectifiers
VOLTAGE:50 TO 1000V
CURRENT:3.0A
Specification Features:
Case: Epoxy, Molded
Weight: 1.20Gram (Approximately)
High current capability, Low leakage current
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
3.0
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
150
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Resistance
(Junction to Ambient) (Note 1)
RθJA
20
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
Units
Reverse Current @VR
IR
5
uA
Forward Voltage @3A
VF
1.3
V
Maximum Reverse Recovery Time
(Note 2)
TRR
150
250
500
nS
Total Capacitance
@VR=4V, f=1MHz
CT
50
pF
AXIAL LEAD
DO-201AD
DEVICE MARKING DIAGRAM
FR30X : Device Name FR301~ FR307
KEL
: KEL Logo


Similar Part No. - FR303

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR303 WTE-FR303 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR303 PACELEADER-FR303 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Diotech Company.
FR303 DIOTECH-FR303 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
FR303 LRC-FR303 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
Shenzhen Luguang Electr...
FR303 LUGUANG-FR303 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
More results

Similar Description - FR303

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
   3.0AMP Fast Recovery Rectifiers
logo
Formosa MS
FR301G FORMOSA-FR301G Datasheet
35Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR301G BYTES-FR301G Datasheet
153Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR301G UNIOHM-FR301G Datasheet
67Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF301C SECOS-SMF301C_15 Datasheet
190Kb / 2P
   3.0AMP Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
FR301G GWSEMI-FR301G Datasheet
68Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
FR3A DYELEC-FR3A Datasheet
1Mb / 2P
   3.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C Datasheet
233Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
SF31 SECOS-SF31 Datasheet
419Kb / 2P
   3.0AMP Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com