Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AH Datasheet(PDF) 3 Page - Linear Technology

Part # LT1640AH
Description  Negative Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 3 Page - Linear Technology

  LT1640AH Datasheet HTML 1Page - Linear Technology LT1640AH Datasheet HTML 2Page - Linear Technology LT1640AH Datasheet HTML 3Page - Linear Technology LT1640AH Datasheet HTML 4Page - Linear Technology LT1640AH Datasheet HTML 5Page - Linear Technology LT1640AH Datasheet HTML 6Page - Linear Technology LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1640AL/LT1640AH
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2), VDD = 48V, VEE = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPG
Power Good Threshold
VDRAIN – VEE, High to Low Transition
1.1
1.4
2.0
V
VPGHY
Power Good Threshold Hysteresis
0.4
V
IDRAIN
Drain Input Bias Current
VDRAIN = 48V
q
10
50
500
µA
VOL
PWRGD Output Low Voltage
PWRGD (LT1640AL), (VDRAIN – VEE) < VPG
IOUT = 1mA
q
0.48
0.8
V
IOUT = 5mA
1.50
3.0
V
PWRGD Output Low Voltage
PWRGD (LT1640AH), VDRAIN = 5V
(PWRGD – DRAIN)
IOUT = 1mA
q
0.75
1.0
V
IOH
Output Leakage
PWRGD (LT1640AL), VDRAIN =48V,
q
0.05
10
µA
VPWRGD = 80V
ROUT
Power Good Output Impedance
PWRGD (LT1640AH), (VDRAIN – VEE) < VPG
q
2
6.5
k
(PWRGD to DRAIN)
AC
tPHLOV
OV High to GATE Low
Figures 1, 2
1.7
µs
tPHLUV
UV Low to GATE Low
Figures 1, 3
1.5
µs
tPLHOV
OV Low to GATE High
Figures 1, 2
5.5
µs
tPLHUV
UV High to GATE High
Figures 1, 3
6.5
µs
tPHLSENSE SENSE High to Gate Low
Figures 1, 4
2
3
4
µs
tPHLPG
DRAIN Low to PWRGD Low
(LT1640AL) Figures 1, 5
0.5
µs
DRAIN Low to (PWRGD – DRAIN) High
(LT1640AH) Figures 1, 5
0.5
µs
tPLHPG
DRAIN High to PWRGD High
(LT1640AL) Figures 1, 5
0.5
µs
DRAIN High to (PWRGD – DRAIN) Low
(LT1640AH) Figures 1, 5
0.5
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.
SUPPLY VOLTAGE (V)
0
1.3
1.4
1.5
60
100
1640A G01
1.2
1.1
0
20
40
80
1.6
1.7
1.8
TA = 25°C
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–50
– 25
1.0
1.1
1.2
1.3
1.4
1.6
025
50
75
1640A G02
100
1.5
VDD = 48V
Supply Current vs Temperature
SUPPLY VOLTAGE (V)
0
6
7
9
10
11
40
80
100
15
1640A G03
8
20
60
12
13
14
TA = 25°C
Gate Voltage vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1640AH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AH LINER-LT1640AH Datasheet
322Kb / 40P
   Hot Swap Controller
LT1640AH LINER-LT1640AH Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1640AH LINER-LT1640AH Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1640AH LINER-LT1640AH Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640AH LINER-LT1640AH Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com