Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640LCS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1640LCS8
Description  Negative Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640LCS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1640LCS8 Datasheet HTML 2Page - Linear Technology LT1640LCS8 Datasheet HTML 3Page - Linear Technology LT1640LCS8 Datasheet HTML 4Page - Linear Technology LT1640LCS8 Datasheet HTML 5Page - Linear Technology LT1640LCS8 Datasheet HTML 6Page - Linear Technology LT1640LCS8 Datasheet HTML 7Page - Linear Technology LT1640LCS8 Datasheet HTML 8Page - Linear Technology LT1640LCS8 Datasheet HTML 9Page - Linear Technology LT1640LCS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1640L/LT1640H
1640lhfb
TEST CIRCUIT
PWRGD/PWRGD
VDD
V +
5V
OV
VDRAIN
48V
R
5k
DRAIN
LT1640L/LT1640H
UV
GATE
VEE
SENSE
VSENSE
1640 F01
VUV
VOV
+
Figure 1. Test Circuit
2V
1V
1640 F02
tPHLOV
1.223V
0V
OV
GATE
1V
1.203V
tPLHOV
TIMING DIAGRAMS
Figure 2. OV to GATE Timing
2V
1V
1640 F03
tPHLUV
1.223V
0V
UV
GATE
1V
1.243V
tPLHUV
Figure 3. UV to GATE Timing
Figure 4. SENSE to GATE Timing
1V
1640 F04
tPHLSENSE
50mV
SENSE
GATE
1.8V
1V
1640 F05
0V
VPWRGD – VDRAIN = 0V
DRAIN
PWRGD
1V
1.4V
1.8V
1V
tPLHPG
VEE
VEE
DRAIN
PWRGD
1V
1.4V
tPHLPG
tPLHPG
tPHLPG
Figure 5. DRAIN to PWRGD/PWRGD Timing


Similar Part No. - LT1640LCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640LCS8 LINER-LT1640LCS8 Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results

Similar Description - LT1640LCS8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com