Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1638CDD Datasheet(PDF) 8 Page - Linear Technology

Part # LT1638CDD
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1638CDD Datasheet HTML 4Page - Linear Technology LT1638CDD Datasheet HTML 5Page - Linear Technology LT1638CDD Datasheet HTML 6Page - Linear Technology LT1638CDD Datasheet HTML 7Page - Linear Technology LT1638CDD Datasheet HTML 8Page - Linear Technology LT1638CDD Datasheet HTML 9Page - Linear Technology LT1638CDD Datasheet HTML 10Page - Linear Technology LT1638CDD Datasheet HTML 11Page - Linear Technology LT1638CDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1638/LT1639
16389fd
TYPICAL PERFORMANCE CHARACTERISTICS
PSRR vs Frequency
Output Impedance vs Frequency
LOAD RESISTANCE (k
Ω)
1
1500
1400
1300
1200
1100
1000
900
800
10
100
1638/39 G17
60
50
40
30
20
10
0
–10
VS = ±2.5V
AV = –1
RF = RG = 100k
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH
PRODUCT
Gain and Phase Shift vs
Frequency
FREQUENCY (kHz)
1
10
20
30
40
50
10
100
1000
1638/39 G12
0
–10
–20
80
60
70
40
50
60
70
80
30
20
10
0
90
100
VS = ±2.5V
PHASE
GAIN
FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
–10
1
10
100
1000
1638/39 G16
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
TEMPERATURE (
°C)
–50
0
50
75
1638/39 G14
–25
25
100
125
RISING, VS = ±15V
RISING, VS = ±2.5V
FALLING, VS = ±2.5V
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
FALLING, VS = ±15V
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
1000
1200
1500
10
20
25
45
1638/39 G15
1100
1400
1300
10
30
60
20
50
40
515
30
35
40
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth Product and
Phase Margin vs Load Resistance
FREQUENCY (kHz)
120
110
100
90
80
70
60
50
40
30
20
1
10
100
1000
1638/39 G18
VS = ±15V
CMRR vs Frequency
FREQUENCY (kHz)
0.1
130
120
110
100
90
80
70
60
1
10
100
1638/39 G19
VS = ±15V
Channel Separation vs Frequency
FREQUENCY (kHz)
10k
1k
100
10
1
0.1
0.1
10
100
1000
1638/39 G20
1
AV = 1
AV = 100
AV = 10
VS = ±2.5V
TEMPERATURE (
°C)
–50
1500
1400
1300
1200
1100
1000
900
800
0
50
75
1638/39 G13
–25
25
100
125
VS = ±15V
VS = ±2.5V
f = 1kHz
Gain Bandwidth Product vs
Temperature


Similar Part No. - LT1638CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1638CMS8 LINER-LT1638CMS8 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1638CN8 LINER-LT1638CN8 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1638CS8 LINER-LT1638CS8 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1638CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
   1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com