Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C30 Datasheet(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # BZX85C30
Description  1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX85C30 Datasheet(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX85C30 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C30 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C30 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX85C30 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
November, 2006 / C
Page 4
Li cen s ed b y O N Se mic o nd uc t o r ,
A tr ad em ar k o f s e mi co nducto r
Co m p o n en ts
Ind u str i e s ,
LL C
f o r
Z e ne r T e c h no l o g y and Pr odu c ts .
TAK CHEONG
®
Package Outline
Case Outline
D0-41
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.72
0.86
0.028
0.034
B
4.07
5.20
0.160
0.205
C
25.40
---
1.000
---
D
2.04
2.71
0.080
0.107
Note:
all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong’s Zener Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®


Similar Part No. - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C30 VISHAY-BZX85C30 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C30 TSC-BZX85C30 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C30 NJSEMI-BZX85C30 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C30 TAK_CHEONG-BZX85C30 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com