Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV209 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 6 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV209
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP)
V
50%
50%
50%
50%
t WLE
t SD
t SU
t h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N – 1
D
N
D
N + 1
50%
50%
90%
10%
Logic Timing Waveforms


Similar Part No. - HV209

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV209 SUTEX-HV209 Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV209FG SUTEX-HV209FG Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV209FG-G SUTEX-HV209FG-G Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV209FG-G SUTEX-HV209FG-G Datasheet
675Kb / 8P
   12-Channel High Voltage Analog Switch
HV209FG-GM931 SUTEX-HV209FG-GM931 Datasheet
675Kb / 8P
   12-Channel High Voltage Analog Switch
More results

Similar Description - HV209

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV209 SUTEX-HV209_13 Datasheet
675Kb / 8P
   12-Channel High Voltage Analog Switch
HV209 SUTEX-HV209_06 Datasheet
1Mb / 9P
   12-Channel High Voltage Analog Switch
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
   16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
   16-Channel, High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
   HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
   HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
   32-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
   8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com