Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV101X Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV101X
Description  3-Pin Hotswap, Inrush Current Limiter Controllers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV101X Datasheet(HTML) 2 Page - Supertex, Inc

  HV101X Datasheet HTML 1Page - Supertex, Inc HV101X Datasheet HTML 2Page - Supertex, Inc HV101X Datasheet HTML 3Page - Supertex, Inc HV101X Datasheet HTML 4Page - Supertex, Inc HV101X Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV100/HV101
Electrical Characteristics (-40°C < T
A < +85°C unless otherwise noted)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
y
l
p
p
u
S
V
o
t
d
e
c
n
e
r
e
f
e
R
(
P
P
)
n
i
p
V
N
N
e
g
a
t
l
o
V
y
l
p
p
u
S2
7
-V
UV
I
N
N
t
n
e
r
r
u
C
y
l
p
p
u
S6
.
00
.
1A
mV
N
N
V
8
4
-
=
l
o
r
t
n
o
C
V
U
V
o
t
d
e
c
n
e
r
e
f
e
R
(
N
N
)
n
i
p
V
L
V
U
)
w
o
L
o
t
h
g
i
H
(
d
l
o
h
s
e
r
h
T
V
U
0
34
38
3V
0
0
1
V
H
3
.
2
14
17
.
5
1V
1
0
1
V
H
V
H
V
U
s
i
s
e
r
e
t
s
y
H
V
U
3V
0
0
1
V
H
1V
1
0
1
V
H
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
V
o
t
d
e
c
n
e
r
e
f
e
R
(
N
N
)
n
i
p
V
E
T
A
G
e
g
a
t
l
o
V
e
v
i
r
D
e
t
a
G
m
u
m
i
x
a
M0
12
14
1V
R
S
E
T
A
G
e
t
a
R
w
e
l
S
l
a
i
t
i
n
I5
7
.
15
.
25
2
.
3s
m
/
VC
E
T
A
G
F
n
1
=
I
N
W
O
D
E
T
A
G
)
g
n
i
k
n
i
s
(
t
n
e
r
r
u
C
n
w
o
D
-
ll
u
P
e
v
i
r
D
e
t
a
G8
6
1A
mV
E
T
A
G
V
;
V
1
=
P
P
V
5
.
1
1
=
I
P
U
L
L
U
P
t
n
e
r
r
u
C
p
u
-
ll
u
P
p
a
w
S
t
o
H
t
s
o
P6
1
1A
µV
E
T
A
G
V
6
=
l
o
r
t
n
o
C
g
n
i
m
i
T
V
o
t
d
e
c
n
e
r
e
f
e
R
(
N
N
)
n
i
p
t
R
O
P
y
a
l
e
D
R
O
P
n
o
i
t
r
e
s
n
I5
.
15
.
35
.
5s
m
t
D
R
A
y
a
l
e
D
t
r
a
t
s
e
R
o
t
u
A5
2
.
15
.
25
7
.
3s
s
t
l
u
s
e
R
l
a
c
i
r
t
c
e
l
E
e
l
p
m
a
x
E
)
0
3
5
F
R
I
g
n
i
s
U
(
I
M
I
L
p
a
w
s
t
o
H
g
n
i
r
u
D
t
n
e
r
r
u
C
h
s
u
r
n
I
x
a
M4
.
1A
C
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
F
µ
0
0
1
=
I
M
I
L
p
a
w
s
t
o
H
g
n
i
r
u
D
t
n
e
r
r
u
C
h
s
u
r
n
I
x
a
M5
.
2A
C
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
F
µ
0
0
2
=
I
M
I
L
p
a
w
s
t
o
H
g
n
i
r
u
D
t
n
e
r
r
u
C
h
s
u
r
n
I
x
a
M1
.
3A
C
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
F
µ
0
0
3
=
I
T
R
O
H
S
t
r
o
h
S
a
o
t
n
I
t
n
e
r
r
u
C
x
a
M0
.
4A
R
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
1
<
<
=
t
T
R
O
H
S
e
m
i
T
c
e
t
e
D
d
a
o
L
d
e
t
r
o
h
S0
.
1s
mR
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
1
<
<
=
E
T
A
G
e
t
a
G
f
o
e
s
i
R
f
o
e
t
a
R
l
a
i
t
i
n
I5
.
2s
m
/
VC
y
n
a
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
t
S
H
e
g
a
t
l
o
V
e
t
a
G
ll
u
F
o
t
d
o
i
r
e
P
p
a
w
S
t
o
H5
.
2
1s
mC
y
n
a
,
T
E
F
S
O
M
l
a
n
r
e
t
x
e
0
3
5
F
R
I
D
A
O
L
Pin Description
V
PP
– Positive voltage supply input to the circuit.
V
NN
– This pin is the Negative voltage power supply input to
the circuit.
GATE
– This is the Gate Driver Output for the external N-
Channel MOSFET.
Absolute Maximum Ratings*
V
PP Input Voltage
-0.3V to 75V
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature Range
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
*All voltages referenced to V
NN.
Pinouts
12
3
VNN
GATE
2
VPP
Top View
SOT-223
1
2
3
VPP
GATE
VNN
Top View
3 pin MLP


Similar Part No. - HV101X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV101 SUTEX-HV101 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101DB1 SUTEX-HV101DB1 Datasheet
443Kb / 2P
   3-Pin Hotswap Controller
logo
AZ Displays
HV101HD1-1E1 AZDISPLAYS-HV101HD1-1E1 Datasheet
1Mb / 29P
   color active matrix TFT LCD module
logo
Supertex, Inc
HV101K5 SUTEX-HV101K5 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101K5-G SUTEX-HV101K5-G Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results

Similar Description - HV101X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com