Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV300 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV300
Description  Hotswap, Inrush Current Limiter Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV300 Datasheet(HTML) 2 Page - Supertex, Inc

  HV300 Datasheet HTML 1Page - Supertex, Inc HV300 Datasheet HTML 2Page - Supertex, Inc HV300 Datasheet HTML 3Page - Supertex, Inc HV300 Datasheet HTML 4Page - Supertex, Inc HV300 Datasheet HTML 5Page - Supertex, Inc HV300 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HV300/HV310
2
Electrical Characteristics (V
IN=-10V to -90V, -40
°C ≤ T
A ≤ +85°C unless otherwise noted)
Symbol
Parameters
Min
Typ
Max
Unit
Conditions
Supply (Referenced to V
DD pin)
VEE
Supply Voltage
-90
-10
V
IEE
Supply Current
550
650
µAVEE = -48V, Mode = Limiting
IEE
Standby Mode Supply Current
330
400
µAVEE = -48V, Mode = Standby
OV and UV Control (Referenced to V
EE pin)
VUVH
UV High Threshold
1.26
V
Low to High Transition
VUVL
UV Low Threshold
1.16
V
High to Low Transition
VUVHY
UV Hysteresis
100
mV
IUV
UV Input Current
1.0
nA
VUV = VEE + 1.9V
VOVH
OV High Threshold
1.26
V
Low to High Transition
VOVL
OV Low Threshold
1.16
V
High to Low Transition
VOVHY
OV Hysteresis
100
mV
IOV
OV Input Current
1.0
nA
VOV = VEE + 0.5V
Current Limit (Referenced to V
EE pin)
VSENSE
Current Limit Threshold Voltage
40
50
60
mV
VUV = VEE + 1.9V,
VOV = VEE + 0.5V
Gate Drive Output (Referenced to V
EE pin)
VGATE
Maximum Gate Drive Voltage
9.0
10
11
V
VUV = VEE + 1.9V,
VOV = VEE + 0.5V
IGATEUP
Gate Drive Pull-Up Current
500
µAVUV = VEE + 1.9V,
VOV = VEE + 0.5V,
IGATEDOWN
Gate Drive Pull-Down Current
40
mA
VUV = VEE, VOV = VEE + 0.5V
Power Good Output (Referenced to V
EE pin)
VPWRGD
Power Good Pin Breakdown Voltage
90
V
VPWRGD
Power Good Pin Output Low Voltage
0.5
0.8
V
IPWRGD = 1mA
Dynamic Characterstics
tGATEHLOV
OV Delay
500
ns
tGATEHLUV
UV Delay
500
ns
Note 1: This timing depends on the threshold voltage of the external N-Channel MOSFET. The higher its threshold is, the longer this timing.
Note 2: This voltage depends on the characteristics of the external N-Channel MOSFET.
V
GS(th) = 3V for an IRF530.
*IRF530 is a registered trademark of International Rectifier.
Timing Control – Test Conditions: C =100µF, C
RAMP=10nF, VUV = VEE+1.9V, VOV= VEE+0.5V, External MOSFET is IRF530*
IRAMP
Ramp Pin Output Current
10
µAVSENSE = 0V
tPOR
Time from UV to Gate Turn On
2.0
ms
(Note 1)
tRISE
Time from Gate Turn On to VSENSE Limit
400
µs
tLIMIT
Duration of Current Limit Mode
5.0
ms
tPWRGD
Time from Current Limit to PWRGD
5.0
ms
VRAMP
Voltage on Ramp Pin in Current Limit Mode
3.6
V
(Note 2)


Similar Part No. - HV300

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300DB1 SUTEX-HV300DB1 Datasheet
372Kb / 2P
   HV300 Hot Swap Demo Board
HV300LG SUTEX-HV300LG Datasheet
372Kb / 2P
   HV300 Hot Swap Demo Board
HV300LG SUTEX-HV300LG Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300LG-G SUTEX-HV300LG-G Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results

Similar Description - HV300

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com