Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THB105-69 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # THB105-69
Description  Surface-mounted chip LED device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THB105-69 Datasheet(HTML) 4 Page - Seoul Semiconductor

  THB105-69 Datasheet HTML 1Page - Seoul Semiconductor THB105-69 Datasheet HTML 2Page - Seoul Semiconductor THB105-69 Datasheet HTML 3Page - Seoul Semiconductor THB105-69 Datasheet HTML 4Page - Seoul Semiconductor THB105-69 Datasheet HTML 5Page - Seoul Semiconductor THB105-69 Datasheet HTML 6Page - Seoul Semiconductor THB105-69 Datasheet HTML 7Page - Seoul Semiconductor THB105-69 Datasheet HTML 8Page - Seoul Semiconductor THB105-69 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
(Ta=25℃)
-40 ~ 100
T
stg
Storage Temperature
-35 ~ 85
T
opr
Operating Temperature
V
5
V
R
Reverse Voltage
50
I
FM
*1
Peak Forward Current
20
I
F
Forward Current
64
P
d
Power Dissipation
Unit
Value
Symbol
Parameter
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
2. Electro-Optical Characteristics
(Ta=25℃)
˚
-
120
-
I
F=5㎃
1/2
Viewing angle*3
-
25
-
I
F=5㎃
∆λ
Spectral Bandwidth
475
470
465
I
F=5㎃
λ
D
Wavelength
mcd
55
30
23
I
F=5㎃
I
V
Luminous Intensity*2
V
1.5
0.8
0.6
I
F(Z)=10㎃
V
F(Z)
Forward Zener Voltage
2.7
-
1.8
I
F=1㎂
V
Fm
V
3.2
3.05
2.7
I
F=5㎃
V
F
Forward Voltage
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
♦ Eelctrical Characteristics of the Zener Diode
1.0
-
-
V
R=5V
I
R
V
1.6
-
-
I
F=10㎃
V
F
Unit
Max
Typ
Min
Condition
Parameter
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)


Similar Part No. - THB105-69

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THB10 TRACOPOWER-THB10 Datasheet
932Kb / 4P
   DC/DC Converter THB 10 Series, 10 Watt
Rev. November 30, 2022
THB10-1211 TRACOPOWER-THB10-1211 Datasheet
932Kb / 4P
   DC/DC Converter THB 10 Series, 10 Watt
Rev. November 30, 2022
THB10-1212 TRACOPOWER-THB10-1212 Datasheet
932Kb / 4P
   DC/DC Converter THB 10 Series, 10 Watt
Rev. November 30, 2022
THB10-1222 TRACOPOWER-THB10-1222 Datasheet
932Kb / 4P
   DC/DC Converter THB 10 Series, 10 Watt
Rev. November 30, 2022
THB10-1223 TRACOPOWER-THB10-1223 Datasheet
932Kb / 4P
   DC/DC Converter THB 10 Series, 10 Watt
Rev. November 30, 2022
More results

Similar Description - THB105-69

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com