Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THBTGFR5210-CE Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # THBTGFR5210-CE
Description  Surface-mounted chip LED device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBTGFR5210-CE Datasheet(HTML) 3 Page - Seoul Semiconductor

  THBTGFR5210-CE Datasheet HTML 1Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 2Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 3Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 4Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 5Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 6Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 7Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 8Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
THBTGFR5210-CE
THBTGFR5210-CE
Description
Features
• 3.0 (W) X 1.35 (D) X 1.0 (T)
mm
• Dominant Wavelength :
- Red: 625 nm
- Green:530 nm
- Blue: 472nm
-
Small size suitable for compact
appliances.
-
3-chip in one Package
-
Surface-mounted chip LED device.
-
Pb-free and RoHS complaint
component.
-
Tape and Reel packing.
- All Color are available
-
Increases the life time of battery.
Applications
Cellular phone’s keypad
lightning
Other decoration lighting
Information Boards
Lighting for Small Size
Device.


Similar Part No. - THBTGFR5210-CE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
THBTGFR421-KR SEOUL-THBTGFR421-KR Datasheet
476Kb / 8P
   CHIP LED DEVICE
THBTGFR422 SEOUL-THBTGFR422 Datasheet
405Kb / 7P
   CHIP LED DEVICE
More results

Similar Description - THBTGFR5210-CE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com