Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZX79C11 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX79C11
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX79C11 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX79C11 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C11 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C11 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C11 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C11 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX79C11 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-033
June 2008 / F
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX79C 15
13.8
15.6
5
30
1
200
0.05
10.5
TCBZX79C 16
15.3
17.1
5
40
1
200
0.05
11.2
TCBZX79C 18
16.8
19.1
5
45
1
225
0.05
12.6
TCBZX79C 20
18.8
21.2
5
55
1
225
0.05
14
TCBZX79C 22
20.8
23.3
5
55
1
250
0.05
15.4
TCBZX79C 24
22.8
25.6
5
70
1
250
0.05
16.8
TCBZX79C 27
25.1
28.9
2
80
0.5
300
0.05
18.9
TCBZX79C 30
28
32
2
80
0.5
300
0.05
21
TCBZX79C 33
31
35
2
80
0.5
325
0.05
23.1
TCBZX79C 36
34
38
2
90
0.5
350
0.05
25.2
TCBZX79C 39
37
41
2
130
0.5
350
0.05
27.3
TCBZX79C 43
40
46
2
150
0.5
375
0.05
30.1
TCBZX79C 47
44
50
2
170
0.5
375
0.05
32.9
TCBZX79C 51
48
54
2
180
0.5
400
0.05
35.7
TCBZX79C 56
52
60
2
200
0.5
425
0.05
39.2
TCBZX79C 62
58
66
2.5
215
0.5
1000
0.05
43.4
TCBZX79C 68
64
72
2.5
240
0.5
1000
0.05
47.6
TCBZX79C 75
70
80
2.5
255
0.5
1000
0.05
52.5
VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX79B 2V4
2.35
2.45
5
100
1
600
100
1
TCBZX79B 2V7
2.65
2.75
5
100
1
600
75
1
TCBZX79B 3V0
2.94
3.06
5
95
1
600
50
1
TCBZX79B 3V3
3.23
3.37
5
95
1
600
25
1
TCBZX79B 3V6
3.53
3.67
5
90
1
600
15
1
TCBZX79B 3V9
3.82
3.98
5
90
1
600
10
1
TCBZX79B 4V3
4.21
4.39
5
90
1
600
5
1
TCBZX79B 4V7
4.61
4.79
5
80
1
500
3
2
TCBZX79B 5V1
5.00
5.20
5
60
1
480
2
2
TCBZX79B 5V6
5.49
5.71
5
40
1
400
1
2
TCBZX79B 6V2
6.08
6.32
5
10
1
150
3
4
TCBZX79B 6V8
6.66
6.94
5
15
1
80
2
4
TCBZX79B 7V5
7.33
7.63
5
15
1
80
1
5
TCBZX79B 8V2
8.04
8.36
5
15
1
80
0.7
5
TCBZX79B 9V1
8.92
9.28
5
15
1
100
0.5
6
TCBZX79B 10
9.80
10.20
5
20
1
150
0.2
7
TCBZX79B 11
10.78
11.22
5
20
1
150
0.1
8
TCBZX79B 12
11.76
12.24
5
25
1
150
0.1
8
TCBZX79B 13
12.74
13.26
5
30
1
170
0.1
8
TCBZX79B 15
14.70
15.30
5
30
1
200
0.05
10.5
TCBZX79B 16
15.68
16.32
5
40
1
200
0.05
11.2
TCBZX79B 18
17.64
18.36
5
45
1
225
0.05
12.6
TCBZX79B 20
19.60
20.40
5
55
1
225
0.05
14
TCBZX79B 22
21.56
22.44
5
55
1
250
0.05
15.4
TCBZX79B 24
23.52
24.48
5
70
1
250
0.05
16.8
TCBZX79B 27
26.46
27.54
2
80
0.5
300
0.05
18.9
TCBZX79B 30
29.40
30.60
2
80
0.5
300
0.05
21
TCBZX79B 33
32.34
33.66
2
80
0.5
325
0.05
23.1
TCBZX79B 36
35.28
36.72
2
90
0.5
350
0.05
25.2
TCBZX79B 39
38.22
39.78
2
130
0.5
350
0.05
27.3
TCBZX79B 43
42.14
43.86
2
150
0.5
375
0.05
30.1
TCBZX79B 47
46.06
47.94
2
170
0.5
375
0.05
32.9
TCBZX79B 51
49.98
52.02
2
180
0.5
400
0.05
35.7


Similar Part No. - TCBZX79C11

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX79B56 TAK_CHEONG-TCBZX79B56 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B56 TAK_CHEONG-TCBZX79B56 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B62 TAK_CHEONG-TCBZX79B62 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B62 TAK_CHEONG-TCBZX79B62 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79B68 TAK_CHEONG-TCBZX79B68 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZX79C11

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com