Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X92050C Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # X92050C
Description  Z-Power series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

X92050C Datasheet(HTML) 5 Page - Seoul Semiconductor

  X92050C Datasheet HTML 1Page - Seoul Semiconductor X92050C Datasheet HTML 2Page - Seoul Semiconductor X92050C Datasheet HTML 3Page - Seoul Semiconductor X92050C Datasheet HTML 4Page - Seoul Semiconductor X92050C Datasheet HTML 5Page - Seoul Semiconductor X92050C Datasheet HTML 6Page - Seoul Semiconductor X92050C Datasheet HTML 7Page - Seoul Semiconductor X92050C Datasheet HTML 8Page - Seoul Semiconductor X92050C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
5
Characteristics for Z-Power LED
-
3.65
ºC /W
23
Thermal resistance [5]
V
-
VF
Forward Voltage [4]
K
-
3000
-
CCT
elated Color Temperature [3]
Max
Typ
Min
-
-
80
15
deg.
typ. 120
2Θ ½
View Angle
-
-
Ra
CRI
lm
-
ФV [2]
Luminous Flux [1]
Unit
Value
Symbol
Parameter
Corr
2. Warm White (N92050C)
2-1 Electro-Optical characteristics at IF=150mA, TA=25ºC
2-2 Absolute Maximum Ratings
*Notes :
[1] SSC maintains a tolerance of ±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrating sphere.
[3] CCT ±5% tester tolerance
[4] A tolerance of ±0.06V on forward voltage measurements
[5] Rθ is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC)
Break voltage of Metal PCB is 6.5kVAC
[6] It is included the zener chip to protect the product from ESD.
* Caution
1. Please do not drive at rated current more than 5 sec. without proper heat sink
ºC
125
Tj
Junction Temperature
-
±
15,000V HBM
-
ESD Sensitivity [6]
ºC
-40 ~ +120
Tstg
Storage Temperature
W
0.8
PD
Power Dissipation
ºC
-40 ~ +85
Topr
Operating Temperature
A
0.2
IF
Forward Current
Unit
Value
Symbol
Parameter


Similar Part No. - X92050C

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X92050C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
F50381 SEOUL-F50381 Datasheet
410Kb / 18P
   Z-POWER LED Series
X42182 SEOUL-X42182_09 Datasheet
805Kb / 33P
   Z-Power
W724C0 SEOUL-W724C0 Datasheet
477Kb / 15P
   Z Power LED
W47182 SEOUL-W47182 Datasheet
438Kb / 18P
   Z Power LED
W47180 SEOUL-W47180 Datasheet
276Kb / 17P
   Z Power LED
X42182 SEOUL-X42182 Datasheet
998Kb / 30P
   Z Power LED
XS2182 SEOUL-XS2182 Datasheet
912Kb / 24P
   Z Power LED
X42180 SEOUL-X42180 Datasheet
788Kb / 29P
   Z Power LED
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
   Z Power LED
XZ10150 SEOUL-XZ10150 Datasheet
593Kb / 19P
   Z Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com