Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X92050C Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # X92050C
Description  Z-Power series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

X92050C Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button X92050C Datasheet HTML 2Page - Seoul Semiconductor X92050C Datasheet HTML 3Page - Seoul Semiconductor X92050C Datasheet HTML 4Page - Seoul Semiconductor X92050C Datasheet HTML 5Page - Seoul Semiconductor X92050C Datasheet HTML 6Page - Seoul Semiconductor X92050C Datasheet HTML 7Page - Seoul Semiconductor X92050C Datasheet HTML 8Page - Seoul Semiconductor X92050C Datasheet HTML 9Page - Seoul Semiconductor X92050C Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
6
Color Spectrum
1. Pure White
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Standard eye response curve
Wavelength (nm)
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength (nm)
2. Warm White


Similar Part No. - X92050C

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X92050C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
F50381 SEOUL-F50381 Datasheet
410Kb / 18P
   Z-POWER LED Series
X42182 SEOUL-X42182_09 Datasheet
805Kb / 33P
   Z-Power
W724C0 SEOUL-W724C0 Datasheet
477Kb / 15P
   Z Power LED
W47182 SEOUL-W47182 Datasheet
438Kb / 18P
   Z Power LED
W47180 SEOUL-W47180 Datasheet
276Kb / 17P
   Z Power LED
X42182 SEOUL-X42182 Datasheet
998Kb / 30P
   Z Power LED
XS2182 SEOUL-XS2182 Datasheet
912Kb / 24P
   Z Power LED
X42180 SEOUL-X42180 Datasheet
788Kb / 29P
   Z Power LED
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
   Z Power LED
XZ10150 SEOUL-XZ10150 Datasheet
593Kb / 19P
   Z Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com