Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2180 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # XS2180
Description  Z Power LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

XS2180 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button XS2180 Datasheet HTML 3Page - Seoul Semiconductor XS2180 Datasheet HTML 4Page - Seoul Semiconductor XS2180 Datasheet HTML 5Page - Seoul Semiconductor XS2180 Datasheet HTML 6Page - Seoul Semiconductor XS2180 Datasheet HTML 7Page - Seoul Semiconductor XS2180 Datasheet HTML 8Page - Seoul Semiconductor XS2180 Datasheet HTML 9Page - Seoul Semiconductor XS2180 Datasheet HTML 10Page - Seoul Semiconductor XS2180 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev. 00
Rev. 00
Nov 2008
Nov 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
7
Characteristics for Z-Power LED
4. Red (RS2180)
4-1 Electro-Optical characteristics at IF=350mA, TA=25ºC
4-2 Absolute Maximum Ratings
Op
SSC maintains a tolerance of
±10% on flux and power
ºC /W
13
J-B
Thermal resistance [5]
ºC /W
14.5
J-C
Thermal resistance [6]
deg.
130
2Θ 1/2
View Angle
V
3.0
2.5
2.0
VF
Forward Voltage [4]
nm
630
622
618
λD
Dominant Wavelength[3]
Max
Typ
Min
-
38
lm
-
ФV [2]
Luminous Flux [1]
Unit
Value
Symbol
Parameter
ºC
100
Tj
Junction Temperature
W
1.2
Pd
Power Dissipation
mA
400
IF
Forward Current
-
±
10,000V HBM
-
ESD Sensitivity [7]
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-40 ~ +85
Topr
erating Temperature
Unit
Value
Symbol
Parameter
*Notes :
[1]
measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere.
[3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram.
A tolerance of
±0.5nm for dominant wavelength
[4] A tolerance of
±0.06V on forward voltage measurements
[5], [6] RθJ-B is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC)
J-C is measured with only emitter. .(25 ºC ≤TJ ≤ 110 ºC)
Break voltage of Metal PCB is 6.5kVAC
[7] It is included the zener chip to protect the product from ESD.
--------------------------Caution--------------------------
1. Please do not drive at rated current more than 5 sec. without proper heat sink


Similar Part No. - XS2180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
XS2182 SEOUL-XS2182 Datasheet
912Kb / 24P
   Z Power LED
More results

Similar Description - XS2180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W724C0 SEOUL-W724C0 Datasheet
477Kb / 15P
   Z Power LED
W47182 SEOUL-W47182 Datasheet
438Kb / 18P
   Z Power LED
W47180 SEOUL-W47180 Datasheet
276Kb / 17P
   Z Power LED
X42182 SEOUL-X42182 Datasheet
998Kb / 30P
   Z Power LED
XS2182 SEOUL-XS2182 Datasheet
912Kb / 24P
   Z Power LED
X42180 SEOUL-X42180 Datasheet
788Kb / 29P
   Z Power LED
XZ10150 SEOUL-XZ10150 Datasheet
593Kb / 19P
   Z Power LED
logo
List of Unclassifed Man...
W42180 ETC2-W42180 Datasheet
379Kb / 16P
   Z-POWER LED
logo
Seoul Semiconductor
X42180 SEOUL-X42180_11 Datasheet
724Kb / 32P
   Z Power LED
F50381 SEOUL-F50381 Datasheet
410Kb / 18P
   Z-POWER LED Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com