Electronic Components Datasheet Search |
|
XS2180 Datasheet(PDF) 8 Page - Seoul Semiconductor |
|
XS2180 Datasheet(HTML) 8 Page - Seoul Semiconductor |
8 / 23 page Rev. 00 Rev. 00 Nov 2008 Nov 2008 www.ZLED.com www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00) 8 Characteristics for Z-Power LED 5. Amber (AS2180) 5-1 Electro-Optical characteristics at IF=350mA, TA=25ºC 5-2 Absolute Maximum Ratings Op SSC maintains a tolerance of ±10% on flux and power deg. 130 2Θ 1/2 View Angle ºC /W 14 RθJ-B Thermal resistance [5] ºC /W 15.5 RθJ-C Thermal resistance [6] V 3.0 2.5 2.0 VF Forward Voltage [4] nm 595 590 585 λD Dominant Wavelength[3] Max Typ Min - 37 lm - ФV [2] Luminous Flux [1] Unit Value Symbol Parameter ºC 100 Tj Junction Temperature W 1.2 Pd Power Dissipation mA 400 IF Forward Current - ± 10,000V HBM - ESD Sensitivity [7] ºC -40 ~ +100 Tstg Storage Temperature ºC -40 ~ +85 Topr erating Temperature Unit Value Symbol Parameter *Notes : [1] measurements. [2] ФV is the total luminous flux output as measured with an integrated sphere. [3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of ±0.5nm for dominant wavelength [4] A tolerance of ±0.06V on forward voltage measurements [5], [6] RθJ-B is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC) RθJ-C is measured with only emitter. .(25 ºC ≤TJ ≤ 110 ºC) Break voltage of Metal PCB is 6.5kVAC [7] It is included the zener chip to protect the product from ESD. --------------------------Caution-------------------------- 1. Please do not drive at rated current more than 5 sec. without proper heat sink |
Similar Part No. - XS2180 |
|
Similar Description - XS2180 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |