Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1503 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # UF1503
Description  1.5AMP. Ultrafast Rectifiers竊뉷PP竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

UF1503 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  UF1503 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd UF1503 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr. 2008 Release / Orig
Page 1
Preliminary Data Sheet
UF1501 THRU UF1507
1.5AMP.
Ultrafast Rectifiers(GPP)
VOLTAGE:50 TO 1000V
CURRENT:1.5A
Specification Features:
Case: Epoxy, Molded
Weight: 0.4Gram (Approximately)
High current capability, Low leakage current
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
UF
1501
UF
1502
UF
1503
UF
1504
UF
1505
UF
1506
UF
1507
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
1.5
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
50
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Resistance
(Junction to Ambient) (Note 1)
RθJA
50
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
UF
1501
UF
1502
UF
1503
UF
1504
UF
1505
UF
1506
UF
1507
Units
Reverse Current @VR
IR
5
uA
Forward Voltage @1.5A
VF
1.0
1.3
1.7
V
Maximum Reverse Recovery Time
(Note 2)
TRR
50
75
nS
Total Capacitance
@VR=4V, f=1MHz
CT
25
pF
AXIAL LEAD
DO-15
DEVICE MARKING DIAGRAM
UF150X: Device Name UF1501~ UF1507
KEL
: KEL Logo


Similar Part No. - UF1503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1503 DIODES-UF1503 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
logo
Compact Technology Corp...
UF1503 CTC-UF1503 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-15)
UF1503 CTC-UF1503 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-41)
UF1503 CTC-UF1503 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Diodes Incorporated
UF1503-B DIODES-UF1503-B Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
More results

Similar Description - UF1503

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
UF4001 TAK_CHEONG-UF4001 Datasheet
104Kb / 2P
   1.0AMP. Ultrafast Rectifiers竊뉷PP竊
UF5400 TAK_CHEONG-UF5400 Datasheet
104Kb / 2P
   3.0AMP. Ultrafast Rectifiers竊뉷PP竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com