Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCZM12C Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCZM12C
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCZM12C Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCZM12C Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-064
June 2008 / C
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCZM15B
14.70
15
15.30
5
28
1
188
0.045
10.5
TCZM16B
15.68
16
16.32
5
37
1
188
0.045
11.2
TCZM18B
17.64
18
18.36
5
42
1
212
0.045
12.6
TCZM20B
19.60
20
20.40
5
51
1
212
0.045
14.0
TCZM22B
21.56
22
22.44
5
51
1
235
0.045
15.4
TCZM24B
23.52
24
24.48
5
65
1
235
0.045
16.8
TCZM27B
26.46
27
27.54
2
75
0.5
282
0.045
18.9
TCZM30B
29.40
30
30.60
2
75
0.5
282
0.045
21.0
TCZM33B
32.34
33
33.66
2
75
0.5
306
0.045
23.0
TCZM36B
35.28
36
36.72
2
84
0.5
329
0.045
25.2
TCZM39B
38.22
39
39.78
2
122
0.5
329
0.045
27.3
TCZM43B
42.14
43
43.86
2
141
0.5
353
0.045
30.1
TCZM47B
46.06
47
47.94
2
160
0.5
353
0.045
33.0
TCZM51B
49.98
51
52.02
2
169
0.5
376
0.045
35.7
TCZM56B
54.88
56
57.12
2
188
0.5
400
0.045
39.2
TCZM62B
60.76
62
63.24
2
202
0.5
423
0.045
43.4
TCZM68B
66.64
68
69.36
2
226
0.5
447
0.045
47.6
TCZM75B
73.50
75
76.50
2
240
0.5
470
0.045
52.5
VF Forward Voltage = 1 V Maximum @ IF = 100 mA for all types
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCZM2V4C
2.28
2.4
2.52
5
94
1
564
45
1
TCZM2V7C
2.57
2.7
2.84
5
94
1
564
18
1
TCZM3V0C
2.85
3.0
3.15
5
89
1
564
9
1
TCZM3V3C
3.14
3.3
3.47
5
89
1
564
4.5
1
TCZM3V6C
3.42
3.6
3.78
5
84
1
564
4.5
1
TCZM3V9C
3.71
3.9
4.10
5
84
1
564
2.7
1
TCZM4V3C
4.09
4.3
4.52
5
84
1
564
2.7
1
TCZM4V7C
4.47
4.7
4.94
5
75
1
470
2.7
2
TCZM5V1C
4.85
5.1
5.36
5
56
1
451
1.8
2
TCZM5V6C
5.32
5.6
5.88
5
37
1
376
0.9
2
TCZM6V2C
5.89
6.2
6.51
5
9
1
141
2.7
4
TCZM6V8C
6.46
6.8
7.14
5
14
1
75
1.8
4
TCZM7V5C
7.11
7.5
7.86
5
14
1
75
0.9
5
TCZM8V2C
7.79
8.2
8.61
5
14
1
75
0.63
5
TCZM9V1C
8.65
9.1
9.56
5
14
1
94
0.45
6
TCZM10C
9.50
10
10.50
5
18
1
141
0.18
7
TCZM11C
10.45
11
11.55
5
18
1
141
0.09
8
TCZM12C
11.40
12
12.60
5
23
1
141
0.09
8
TCZM13C
12.35
13
13.65
5
28
1
160
0.09
8
TCZM15C
14.25
15
15.75
5
28
1
188
0.045
10.5
TCZM16C
15.20
16
16.80
5
37
1
188
0.045
11.2
TCZM18C
17.10
18
18.90
5
42
1
212
0.045
12.6
TCZM20C
19.00
20
21.00
5
51
1
212
0.045
14.0
TCZM22C
20.90
22
23.10
5
51
1
235
0.045
15.4
TCZM24C
22.80
24
25.20
5
65
1
235
0.045
16.8
TCZM27C
25.65
27
28.35
2
75
0.5
282
0.045
18.9
TCZM30C
28.50
30
31.50
2
75
0.5
282
0.045
21.0
TCZM33C
31.35
33
34.65
2
75
0.5
306
0.045
23.0
TCZM36C
34.20
36
37.80
2
84
0.5
329
0.045
25.2
TCZM39C
37.05
39
40.95
2
122
0.5
329
0.045
27.3
TCZM43C
40.85
43
45.15
2
141
0.5
353
0.045
30.1


Similar Part No. - TCZM12C

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCZM12C TAK_CHEONG-TCZM12C Datasheet
467Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCZM12C

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com