Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1780 Datasheet(PDF) 1 Page - alpha microelectronics gmbh

Part # A1780
Description  dimmer IC for halogen lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

A1780 Datasheet(HTML) 1 Page - alpha microelectronics gmbh

  A1780 Datasheet HTML 1Page - alpha microelectronics gmbh A1780 Datasheet HTML 2Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a1780 general features
The a1780 is a dimmer IC for halogen lamps. It uses an integrated time controller to
control a wide range of DMOS switches, and includes protection circuits against over-
current, over-voltage and over-temperature. A LED gives a visual indication of the output
status at all times.
Dimming range: between 10% and 95%
Flexible soft start function (hot and cold – soft start)
Zero-crossing detection
Protection function for over-current, over-voltage and over-temperature
LED status indication for protection function
Ambient temperature range 0°C to 70°C
Package: Die-in-waffle-pack or SOP14
example application schematic
A typical application schematic for a 350W load.


Similar Part No. - A1780

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
A178AG-00 HUASHAN-A178AG-00 Datasheet
36Kb / 1P
   PNP SILICON TRANSISTOR
More results

Similar Description - A1780

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
   Dimmer IC for Halogen Lamps
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
   DIMMER IC
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
   TOUCH DIMMER IC
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com