Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM9 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # HSM9
Description  5.0V Surface Mount Crystal Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HSM9 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  HSM9 Datasheet HTML 1Page - Connor-Winfield Corporation HSM9 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Sm006
Page
2 of 2
Revision
27
Date
07 May 2008
Pin Connections
1: Tri-State E/D
2: Ground
3: Output
4: VDD
Meets EIA-481A and EIAJ-1009B
2,000 PCS/Reel
Bypass capacitor, C-by, should be
ceramic capacitor ≥ .01 uf
SYMMETRY
Soldering
General Conditions 260°C max x 10 sec max x 2 times max or
230°C max x 180 sec max x 1 time
Typical Operation Data
(Vapor phase reflow)
20 to 100 sec up to 215°C, 50 sec
at 215°C, then down to room temperature per 1 to 5°C / sec
Environmental Characteristics
Temperature Cycle
The specimen shall meet electrical characteristics after
tested 5 cycles of -55°C / 30 minutes and +125°C / 30 minutes
Hermetical
No bubbles appear in Flourinert (FC-43) at 125°C ±5°C for 5 minutes
Solvent Resistance
Marking will withstand immersion in
Isopropyl Alcohol or Trichloroethylene
Suggested Pad Layout
Ordering Information
HSM91
-
050.0M
CLOCK
SERIES
CENTER
FREQUENCY
Mechanical Characteristics
Free Drop
The specimen shall meet electrical characteristics after tested 3 times,
Free Drop testing on the hard wooden board from a height of 75 cm.
Vibration
The specimen shall meet electrical characteristics after tested
by the following conditions: 10-55Hz 1.5mm Amplitude,
55-2000 Hz 20 G's, 2 hours for each plane
Thermal Shock
After applied Thermal Shock of 260°C
max x 10 sec max x 2 times, or 230°C max x 180 sec max,
the specimen shall meet electrical characteristics
Solderability
(EIAJ-RCX-0102.101 Condition 1a)
1) Flux: MIL-F-14256 (WW Rosin=25%, Isopropyl Alcohol = 75%)
2) Solder: QQ-S-571 (Sn = 63%, Pb = 37%)
3) Solder bath temperature: 235°C ±5°C
4) Depth of immersion: Up to electrical terminal
5) Immersing time: Within 2 sec ±0.5 sec into solder bath
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
Test Circuit
Output Waveform
Tape and Reel Dimensions
Package Characteristics
Package
Hermetically sealed ceramic package and metal cover
Dimensional Tolerance: ±.02" (.508mm)
±.005" (.127mm)
OSCILLOSCOPE
FREQ
COUNTER
OSC
POWER
SUPPLY
INPUT FOR E/D
PROBE
Vcc
.01uf


Similar Part No. - HSM9

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator HSM9
More results

Similar Description - HSM9

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
   5.0V Surface Mount Crystal Clock Oscillator HSM9
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
   5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM626 CONNOR-WINFIELD-HSM626 Datasheet
228Kb / 2P
   5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM546 CONNOR-WINFIELD-HSM546 Datasheet
230Kb / 2P
   5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
   3.3V Surface Mount Crystal Clock Oscillator
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
   HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com