Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG102A Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG102A
Description  Synchronous Clock Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG102A Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG102A Datasheet HTML 1Page - Connor-Winfield Corporation SCG102A Datasheet HTML 2Page - Connor-Winfield Corporation SCG102A Datasheet HTML 3Page - Connor-Winfield Corporation SCG102A Datasheet HTML 4Page - Connor-Winfield Corporation SCG102A Datasheet HTML 5Page - Connor-Winfield Corporation SCG102A Datasheet HTML 6Page - Connor-Winfield Corporation SCG102A Datasheet HTML 7Page - Connor-Winfield Corporation SCG102A Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet #: SG076
Page 3 of 8
Rev: 00
Date: 4/11/07
© Copyright 2007 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Specifications
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
f
IN
Available Input Frequencies CMOS
8 k
100 M
Hz
PECL
1 M
100 M
Hz
f
OUT
Output Frequencies(LVPECL)
77.76 M
170 M
Hz
Vcc
Supply Voltage
3.135
3.3
3.465
Volts
I
CC
Supply Current
75
100
mA
CLKIN
Input Logic
A = CMOS
CMOS
1
D = PECL
PECL
CLKOUT
Output Logic
F = Comp. PECL
PECL
V
OH
2.275
V
V
OL
1.68
V
T
R/TF
Rise/Fall Time
0.5
1
ns
SYM
Output Symmetry
45
55
%
BW
Bandwidth
20
Hz
J
GEN
Jitter Generation RMS
0.5
1
ps
(12 kHz - 20 MHz)
J
TRAN
Jitter Transfer
0.1
dB
2
APR
Input Frequency Tracking
±50
ppm
T
OP
Operating Temperature
F =
-40
85
°C
C =0
70
°C
NOTES:
1.0: Only HCMOS and LVHCMOS is supported for input frequencies < 1MHz
2.0: GR-253-CORE, Sec. 5.6.2.1.2
Pin Description
Table 3
Pin #
Connection
Description
1
CLKIN
Input Frequency - The SCG102A AC couples the input , this means that the unit is
capable of handling HCMOS, LVCMOS, PECL, LVPECL input signals.
2
GND
Ground
3
Lock Detector
Logic “1” indicates that the unit is locked to the input reference
Logic “0” indicates that the reference is lost or out of lock range
4
VCXO Monitor
Control voltage level for the PECL oscillator (Between 0.3V and 3.0V when locked)
5
----
Missing
6
NC
No connection
7
GND
Ground
8
Enable/Disable
Logic “0” (or no connect) = Output Enabled
Logic “1”
= Output Disabled (Tri-Stated)
9
Out
Output
10
COut
Complementary Output
11
NC
No connection
12
Select A
Input Frequency Select Control Pin. See Table 4.
13
Select B
Input Frequency Select Control Pin. See Table 4.
14
NC
No connection
15
GND
Ground
16
V
CC
Power supply voltage (3.3 Vdc ± 5%)


Similar Part No. - SCG102A

ManufacturerPart #DatasheetDescription
logo
Heyco.
SCG HEYCO-SCG Datasheet
92Kb / 1P
   Heyco® Liquid Tight Cordgrips Torque Chart
logo
Mini-Circuits
SCG-2-242 MINI-SCG-2-242 Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
SCG-2-322 MINI-SCG-2-322 Datasheet
266Kb / 3P
   Power Splitter/Combiner
More results

Similar Description - SCG102A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com