Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG102A-DFC-A3P6 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # SCG102A-DFC-A3P6
Description  Synchronous Clock Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG102A-DFC-A3P6 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

  SCG102A-DFC-A3P6 Datasheet HTML 1Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 2Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 3Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 4Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 5Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 6Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 7Page - Connor-Winfield Corporation SCG102A-DFC-A3P6 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet #: SG076
Page 6 of 8
Rev: 00
Date: 4/11/07
© Copyright 2007 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Package Dimensions
Figure 3
.800 [20.32mm]
1.000 [25.40mm]
.740 [18.80mm]
.100 [2.54mm]
PIN 1
.285 [7.24mm]
MAX.
Recommended Footprint Dimensions
Figure 4
Solder Profile
Figure 5
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
Time (sec)
221°C
Reflow Zone
30/90 sec
(Min/Max)
Peak Temp.
245°-255°C for 15 sec Typ.
Soaking Zone
60-90 sec Typ.
(2 min Max)
Ramp Slope not
to exceed
±3°C/sec


Similar Part No. - SCG102A-DFC-A3P6

ManufacturerPart #DatasheetDescription
logo
Heyco.
SCG HEYCO-SCG Datasheet
92Kb / 1P
   Heyco® Liquid Tight Cordgrips Torque Chart
logo
Mini-Circuits
SCG-2-242 MINI-SCG-2-242 Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
266Kb / 3P
   Power Splitter/Combiner
SCG-2-242++ MINI-SCG-2-242+ Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
SCG-2-322 MINI-SCG-2-322 Datasheet
266Kb / 3P
   Power Splitter/Combiner
More results

Similar Description - SCG102A-DFC-A3P6

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com