Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3-019.44M Datasheet(PDF) 11 Page - Connor-Winfield Corporation

Part # SM3-019.44M
Description  ULTRA MINIATURE STRATUM 3 MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-019.44M Datasheet(HTML) 11 Page - Connor-Winfield Corporation

Back Button SM3-019.44M Datasheet HTML 7Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 8Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 9Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 10Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 11Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 12Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 13Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 14Page - Connor-Winfield Corporation SM3-019.44M Datasheet HTML 15Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet #: TM052
Page 11 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Detailed Description continued
Output Signals and Frequency
Output 1 is the primary output, and in locked mode is synchronized to the selected reference. Output 1 must be specified at the time
of ordering as any one of the following frequencies : 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz or 77.76 MHz.
M/S Output is an 8 kHz output available as a frame reference or synchronization signal for cross-coupled pairs of SM3 devices
operated in master/slave mode. In master mode, M/S Output is synchronized to the selected reference. In slave mode, M/S Output is in
phase with the M/S REF offset by the value written to the Phase_offset register (+31.75 to -32nS, with .25nS resolution). M/S Output
may be a 50% duty cycle signal, or variable high-going pulse width, as determined by the Ctl_Mode and Fr_Pulse_Width registers. In
variable pulse width mode, the width may be from 1 to 15 multiples of the Output 1 cycle time. See Register Descriptions and Operation
section.
BITS_Clk is the BITS clock output at either 1.544 MHz or 2.048 MHz. It is selected by the T1/E1 input and its state may be read
in bit 3 of the Ctl_Mode register. When T1/E1 = 1, the BITS frequency is 1.544 MHz, and when T1/E1 = 0, the BITS frequency is
2.048 MHz. This output clock is digitally synthesized from Output1 directly and will be synchronized to M/S Output.
Interrupts
The SM3 module supports eight different interrupts and appears in INTR_EVENT (0x12) register. Each interrupt can be individually
enabled or disabled via the INTR_ENABLE (0x13) register. Each bit enables or disables the corresponding interrupt from asserting the
SPI_INT pin. Interrupt events still appear in the INTR_EVENT (0x12) register independent of their enable state. All interrupts are cleared
once INTR_EVENT (0x12) register is read. The interrupts are:
Any reference changing from available to not available
Any reference changing from not available to available
M/S REF changing from activity to no activity
M/S REF changing from no activity to activity
DPLL Mode status change
Reference switch in automatic reference selection mode
Loss of Signal
Loss of Lock
Interrupts and Reference Change in Autonomous Mode
Interrupts can be used to determine the cause of a reference change in autonomous mode. Let us assume that the module is
currently locked to REF1. The module switches to REF2 and SPI_INT pin is asserted. The user reads the INTR_EVENT (0x12) register.
If the module is operating in autonomous revertive mode, the cause can be determined from bits 1, 4,5, 6 and 7. Bit 5 is set to
indicate Active reference change. If Bit 6 is set then the cause of the reference change is Loss of Active Reference. If Bit 7 is set then the
cause of the reference change is a Loss of Lock alarm on the active reference. If Bit 1 is set then the cause of the reference change is
the availability of a higher priority reference.
Note: The DPLL Mode Status Change bit (Bit 4) is also set to indicate a change in DPLL_STATUS (0x11) register, during an interrupt
caused by a reference change. The data in DPLL_STATUS (0x11) register however is not useful in determining the cause of a reference
change. This is because bits 0-2 of this register always reflects the status of the current active reference and hence cannot be used to
determine the status of the last active reference.
Interrupts in Manual Mode
In manual operating mode, when the active reference fails due to a Loss of Signal or Loss of Lock alarm, an interrupt is generated.
For example, in case of a Loss of Signal, bits4 and 6 of INTR_EVENT (0x12) register would be set to indicate Loss of Signal and DPLL
Mode Status Change. The user may choose to read the DPLL_STATUS (0x11) register, though in manual mode bit6 of INTR_EVENT
(0x12) register is a mirror of bit0 of DPLL_STATUS (0x11) register. This holds true for a Loss of Lock alarm, where bit7 of INTR_EVENT
(0x12) register is a mirror of bit1 of DPLL_STATUS (0x11) register.
Internal Clock Calibration
The internal clock may be calibrated by writing a frequency offset v.s. nominal frequency into the Calibration register. This calibration
is used by the synchronization software to create a frequency corrected from the actual internal clock output by the value written to the
Calibration register. See register descriptions.


Similar Part No. - SM3-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
   Cable Marker
logo
Connor-Winfield Corpora...
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Similar Description - SM3-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com