Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3500 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 2Page - Connor-Winfield Corporation STC3500 Datasheet HTML 3Page - Connor-Winfield Corporation STC3500 Datasheet HTML 4Page - Connor-Winfield Corporation STC3500 Datasheet HTML 5Page - Connor-Winfield Corporation STC3500 Datasheet HTML 6Page - Connor-Winfield Corporation STC3500 Datasheet HTML 7Page - Connor-Winfield Corporation STC3500 Datasheet HTML 8Page - Connor-Winfield Corporation STC3500 Datasheet HTML 9Page - Connor-Winfield Corporation STC3500 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Preliminary Data Sheet: TM060
Page 6 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Recommended Operating Conditions & Electrical Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vdd2.5
2.5V digital power supply voltage
2.3
2.5
2.7
Volts
Vdd3.3
3.3V digital power supply voltage
3.0
3.3
3.6
Volts
AVdd2.5
2.5V analog power supply voltage
2.3
2.5
2.7
Volts
VIH (3.3V)
High level input voltage
2.0
-
Vdd3.3 + 0.3
Volts
2
VIL (3.3V)
Low level input voltage
0.3
-
0.8
Volts
2
VOH (3.3V)
High level output voltage (IOH = -7mA)
0.9*Vdd3.3
-
-
Volts
2
VOL (3.3V)
Low level output voltage (IOL =10mA)
-
-
0.4
Volts
2
VIL (PECL)
Low level input voltage (PECL inputs)
0.86
-
2.125
Volts
VOH (PECL)
High level input voltage (PECL inputs)
1.49
-
2.72
Volts
VID (PECL)
PECL differential input voltage
0.3
-
Vdd3.3
Volts
CIN
Input capacitance
-
-
10
pF
THL
Clock fall time (TCXO, OCXO, VCXO)
-
-
5
nS
TLH
Clock rise time (TCXO, OCXO, VCXO)
-
-
5
nS
TRIP
Input reference signal positive pulse width
10
-
-
nS
TRIN
Input reference signal negative pulse width
10
-
nS
TA
Operating Ambient Temperature Range
0
-
70
°C
Icc (Vdd2.5)
2.5V digital supply current
-
-
500
mA
Icc (Vdd3.3)
3.3V digital supply current
-
-
200
mA
Icc (Avdd2.5) 2.5V analog supply current
-
-
50
mA
Pd
Device power dissipation
-
-
2.0
W
Absolute Maximum Ratings
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vdd2.5
Logic power supply voltage, 2.5V
-0.3
-
3.0
Volts
1
Vdd3.3
Logic power supply voltage 3.3V
-0.3
-
4.0
Volts
1
AVdd2.5
Analog power supply voltage, 2.5V
-0.3
-
4.0
Volts
1
VIN
Logic input voltage, rel. to GND
-0.3
-
Vdd3.3 + 0.5
Volts
1
TSTG
Storage Temperature
-55
-
110
°C
1
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability. Devices should not be operated outside the Recommended Operating Conditions.
Note 2: LVTTL compatible
Register Map
Table 4
Address
Reg Name
Description
Type
0x00
Chip_ID_Low
Low byte of chip ID
R
0x01
Chip_ID_High
High byte of chip ID
R
0x02
Chip_Revision
Chip revision number
R
0x03
Bandwidth_PBO
Bandwidth & Phase Build-Out option
R/W
0x04
Ctl_Mode
Manual or automatic selection of Op_Mode, BITS clock output frequency
indication, and frame/multi-frame sync pulse width mode control
R/W
0x05
Op_Mode
Master Free Run, Locked, or Hold Over mode, or Slave mode
R/W


Similar Part No. - STC3500

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC352 AUK-STC352 Datasheet
58Kb / 3P
   NPN Silicon Transistor
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
   Low Power Dual OP AMP
More results

Similar Description - STC3500

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com