Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3800 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STC3800
Description  INTEGRATED - STRATUM 3E TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3800 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC3800 Datasheet HTML 2Page - Connor-Winfield Corporation STC3800 Datasheet HTML 3Page - Connor-Winfield Corporation STC3800 Datasheet HTML 4Page - Connor-Winfield Corporation STC3800 Datasheet HTML 5Page - Connor-Winfield Corporation STC3800 Datasheet HTML 6Page - Connor-Winfield Corporation STC3800 Datasheet HTML 7Page - Connor-Winfield Corporation STC3800 Datasheet HTML 8Page - Connor-Winfield Corporation STC3800 Datasheet HTML 9Page - Connor-Winfield Corporation STC3800 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Preliminary Data Sheet #: TM061
Page 6 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Recommended Operating Conditions & Electrical Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vdd2.5
2.5V digital power supply voltage
2.3
2.5
2.7
Volts
Vdd3.3
3.3V digital power supply voltage
3.0
3.3
3.6
Volts
AVdd2.5
2.5V analog power supply voltage
2.3
2.5
2.7
Volts
VIH (3.3V)
High level input voltage
2.0
-
Vdd3.3 + 0.3
Volts
2
VIL (3.3V)
Low level input voltage
0.3
-
0.8
Volts
2
VOH (3.3V)
High level output voltage (IOH = -7mA)
0.9*Vdd3.3
-
-
Volts
2
VOL (3.3V)
Low level output voltage (IOL =10mA)
-
-
0.4
Volts
2
VIL (PECL)
Low level input voltage (PECL inputs)
0.86
-
2.125
Volts
VOH (PECL)
High level input voltage (PECL inputs)
1.49
-
2.72
Volts
VID (PECL)
PECL differential input voltage
0.3
-
Vdd3.3
Volts
CIN
Input capacitance
-
-
10
pF
THL
Clock fall time (TCXO, OCXO, VCXO)
-
-
5
nS
TLH
Clock rise time (TCXO, OCXO, VCXO)
-
-
5
nS
TRIP
Input reference signal positive pulse width
10
-
-
nS
TRIN
Input reference signal negative pulse width
10
-
-
nS
TA
Operating Ambient Temperature Range
0
-
70
°C
Icc (Vdd2.5)
2.5V digital supply current
-
-
500
mA
Icc (Vdd3.3)
3.3V digital supply current
-
-
200
mA
Icc (Avdd2.5) 2.5V analog supply current
-
-
50
mA
Pd
Device power dissipation
-
-
2.0
W
Absolute Maximum Ratings
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vdd2.5
Logic power supply voltage, 2.5V
-0.3
-
3.0
Volts
1
Vdd3.3
Logic power supply voltage 3.3V
-0.3
-
4.0
Volts
1
AVdd2.5
Analog power supply voltage, 2.5V
-0.3
-
4.0
Volts
1
VIN
Logic input voltage, rel. to GND
-0.3
-
Vdd3.3 + 0.5
Volts
1
TSTG
Storage Temperature
-55
-
110
°C
1
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability. Devices should not be operated outside the Recommended Operating Conditions.
Note 2: LVTTL compatible
Register Map
Table 4
Address
Reg Name
Description
Type
0x00
Chip_ID_Low
Low byte of chip ID
R
0x01
Chip_ID_High
High byte of chip ID
R
0x02
Chip_Revision
Chip revision number
R
0x03
Bandwidth_PBO
Bandwidth & Phase Build-Out option
R/W
0x04
Ctl_Mode
Manual or automatic selection of Op_Mode,
BITS clock output frequency indication,
R/W
and frame/multi-frame sync pulse width mode control
0x05
Op_Mode
Master Free Run, Locked, or Hold Over mode, or Slave mode
R/W


Similar Part No. - STC3800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
More results

Similar Description - STC3800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com