Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M203268QCN Datasheet(PDF) 2 Page - MTRONPTI

Part # M203268QCN
Description  3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M203268QCN Datasheet(HTML) 2 Page - MTRONPTI

  M203268QCN Datasheet HTML 1Page - MTRONPTI M203268QCN Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MtronPTILeadFreeSolderProfile


Similar Part No. - M203268QCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M203268QCN MTRONPTI-M203268QCN Datasheet
318Kb / 1P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M203268QCN MTRONPTI-M203268QCN Datasheet
288Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
More results

Similar Description - M203268QCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2032 MTRONPTI-M2032 Datasheet
318Kb / 1P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032_0611 MTRONPTI-M2032_0611 Datasheet
288Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2030 MTRONPTI-M2030 Datasheet
714Kb / 2P
   3.2 x 5.0 x 1.3 mm, HCMOS Compatible, Surface Mount Oscillators
M2035 MTRONPTI-M2035 Datasheet
260Kb / 2P
   5.0 x 7.0 x 1.4 mm, HCMOS Compatible Surface Mount Oscillators
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
logo
EUROQUARTZ limited
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
   5.0 x 3.2 x 1.2mm SMD HCMOS
logo
QUARTZCOM the communica...
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
   SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
logo
Transko Electronics, In...
2ZTTCE TRANSKO-2ZTTCE Datasheet
439Kb / 1P
   CERAMIC RESONATORS (3.2 X 1.3 X 1.0 mm)
Rev.2: 03-22-2019
logo
QUARTZCOM the communica...
MCO-3S-DS-6P QUARTZCOM-MCO-3S-DS-6P Datasheet
118Kb / 1P
   SMD Clock Oscillator LVDS Small package size: 5.0 x 3.2 x 1.3 mm
MCO-3S-PE-6P QUARTZCOM-MCO-3S-PE-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVPECL Small package size: 5.0 x 3.2 x 1.3 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com