Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57908 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV57908
Description  8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57908 Datasheet(HTML) 1 Page - Supertex, Inc

  HV57908 Datasheet HTML 1Page - Supertex, Inc HV57908 Datasheet HTML 2Page - Supertex, Inc HV57908 Datasheet HTML 3Page - Supertex, Inc HV57908 Datasheet HTML 4Page - Supertex, Inc HV57908 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
HV57908
Device
80 Lead Quad
80 Lead Quad
80 Lead Quad
Ceramic Gullwing
Plastic Gullwing
Ceramic Gullwing
Die
(MIL-STD-883 Processed*)
HV57908
HV57908DG
HV57908PG
RBHV57908DG
HV57908X
*For Hi-Rel process flows, please refer to page 5-3 in the Databook.
Ordering Information
Package Options
Absolute Maximum Ratings
Supply voltage, VDD
1
-0.5V to +7.5V
Output voltage, V
PP
-0.5V to +90V
Logic input levels
-0.3V to V
DD +0.3V
Ground current 2
1.5A
Continuous total power dissipation 3
Plastic
1200mW
Ceramic
1900mW
Operating temperature range
Plastic
-40°C to 85°C
Ceramic
-55°C to 125°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
from case for 10 seconds
260°C
Notes:
1. All voltages are referenced to GND.
2. Limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C for plastic and at 19mW/°C for ceramic.
Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic
❏ Output voltages up to 80V
❏ Low power level shifting
❏ 8MHz data rate
❏ Latched data outputs
❏ Forward and reverse shifting options (DIR pin)
❏ Diode to V
PP allows efficient power recovery
❏ Outputs may be hot switched
❏ Hi-Rel processing available
8 MHz, 64-Channel Serial To Parallel Converter
With Push-Pull Outputs
General Description
The HV579 is a low-voltage serial to high-voltage parallel con-
verter with push-pull outputs. This device has been designed for
use as a driver for electroluminescent displays. It can also be used
in any application requiring multiple output high-voltage current
sourcing and sinking capability such as driving plasma panels,
vacuum fluorescent displays, or large matrix LCD displays.
The device consists of a 64-bit shift register, 64 latches, and
control logic to perform the polarity select and blanking of the
outputs. HVout1 is connected to the first stage of the shift register
through the polarity and blanking logic. Data is shifted through the
shift registers on the logic low to high transition of the clock. The
DIR pin causes CCW shifting when connected to GND, and CW
shifting when connected to V
DD. A data output buffer is provided
for cascading devices. This output reflects the current status of
the last bit of the shift register (HVOUT 64). Operation of the shift
register is not affected by the LE (latch enable), BL (blanking), or
the POL (polarity) inputs. Transfer of data from the shift registers
to the latches occurs when the LE (latch enable) input is high. The
data in the latches is stored when LE is low.
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV57908

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57908 SUTEX-HV57908 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908PG-G SUTEX-HV57908PG-G Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908PG-G SUTEX-HV57908PG-G Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV57908

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
   32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com