Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16110-BN-R-ST-ELP-RD-12 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 16110-BN-R-ST-ELP-RD-12
Description  LCD Component
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16110-BN-R-ST-ELP-RD-12 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16110-BN-R-ST-ELP-RD-12 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16110
PACIFIC DISPLAY DEVICES
04.05.2005
10
2.4 LED Backlight Characteristics
■ Yellow-Green LED Operating Characteristics (5V - Array Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
Ta= 25 °C
3.8
4.1
4.4
VDC
Forward Current
IF
Ta= 25 °C
---
200
400
mA
Reverse Voltage
VR
Ta= 25 °C
---
8
---
V
■ Life (Array Lit)
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs
2.5 EL Panel Backlight Characteristics
■ Blue-Green EL Panel Operating Characteristics:
Standard
Item
Conditions
Min.
Typ.
Max.
Unit
Current Consumption
100VAC RMS, 400Hz
Ta: 25°C
---
4.1
6.1
mA
EL Drive Voltage
---
---
100
150
VAC RMS
EL Drive Frequency
---
---
400
1000
Hz
Operating Temperature
---
-35°C
---
+50°C
°C
Storage Temperature
---
-40°C
---
+60°C
°C
Luminance
40
50
---
cd/m
2
Luminance Half-Life
100VAC RMS, 400Hz
Ta: 25°C
3500
---
---
Hrs
*Note: half life is defined as Luminance being reduced by 50%


Similar Part No. - 16110-BN-R-ST-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
16110-D1-A-X TEC-16110-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-B-X TEC-16110-D1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-C-X TEC-16110-D1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-D-X TEC-16110-D1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-E-X TEC-16110-D1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 16110-BN-R-ST-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
   LCD component
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
   SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
   Component housing
2015-11-27
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
   Component Video Selector
Rev. D, 06-Sep-99
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
   1200bps Component Modem
logo
Richco, Inc.
VM-1002 RICHCO-VM-1002 Datasheet
54Kb / 1P
   COMPONENT CLIPS, MOLDED
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Littelfuse
ZEN056V260A16YC LITTELFUSE-ZEN056V260A16YC Datasheet
1Mb / 8P
   Single component placement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com