Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16110-SL-F-ST-ELP-RD-12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 16110-SL-F-ST-ELP-RD-12
Description  LCD Component
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16110-SL-F-ST-ELP-RD-12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  16110-SL-F-ST-ELP-RD-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16110-SL-F-ST-ELP-RD-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16110
1.3 Absolute Maximum Ratings
1.3 Absolute Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Min
Min
Max
Max
Unit
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – V0
--
VDD +0.3
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
CONTROLLER
IC
S6A0069
LCD PANEL
16 CHARACTERS x 1 LINE
VO
VDD
VSS
E
R/W
RS
DB0
~
DB7
EL / LED BACK LIGHT
BLA
BLK
Com8
Seg80
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
122 x 33 x 15 Max (w/ LED Backlight)
122 x 33 x 11 Max (w/ ELP or No LED Backlight)
mm
Viewing area (W
×H)
99 x 13
mm
Active Area (W
×H)
94.84 x 9.66
mm
Character matrix (W
×H)
5 x 8
dots
Character size (W
×H)
4.84 x 8.06
mm
Dot size (W
×H)
0.92 x 1.10
mm
Dot pitch (W
×H)
0.98 x 1.16
mm
PACIFIC DISPLAY DEVICES
04.05.2005
3


Similar Part No. - 16110-SL-F-ST-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
16110-S1-A-X TEC-16110-S1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-S1-B-X TEC-16110-S1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-S1-C-X TEC-16110-S1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-S1-D-X TEC-16110-S1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-S1-E-X TEC-16110-S1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 16110-SL-F-ST-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
   LCD component
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
   SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
   Component housing
2015-11-27
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
   Component Video Selector
Rev. D, 06-Sep-99
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
   1200bps Component Modem
logo
Richco, Inc.
VM-1002 RICHCO-VM-1002 Datasheet
54Kb / 1P
   COMPONENT CLIPS, MOLDED
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Littelfuse
ZEN056V260A16YC LITTELFUSE-ZEN056V260A16YC Datasheet
1Mb / 8P
   Single component placement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com