Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6111FKTCN Datasheet(PDF) 4 Page - MTRONPTI

Part # M6111FKTCN
Description  M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6111FKTCN Datasheet(HTML) 4 Page - MTRONPTI

  M6111FKTCN Datasheet HTML 1Page - MTRONPTI M6111FKTCN Datasheet HTML 2Page - MTRONPTI M6111FKTCN Datasheet HTML 3Page - MTRONPTI M6111FKTCN Datasheet HTML 4Page - MTRONPTI M6111FKTCN Datasheet HTML 5Page - MTRONPTI M6111FKTCN Datasheet HTML 6Page - MTRONPTI M6111FKTCN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
4
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Product Dimension & Pinout Information
M611x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVTCXO
Part Markings:
Line 1: Indicates part family,
year, month of production
Line 2: Indicates frequency


Similar Part No. - M6111FKTCN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61110FP RENESAS-M61110FP Datasheet
208Kb / 20P
   Coil-less VIF/SIF
M61110GP RENESAS-M61110GP Datasheet
208Kb / 20P
   Coil-less VIF/SIF
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
   Coil-less VIF/SIF
logo
Renesas Technology Corp
M61111FP RENESAS-M61111FP Datasheet
393Kb / 20P
   Coil-less VIF/SIF
M61112FP RENESAS-M61112FP Datasheet
339Kb / 19P
   Coil-less VIF/SIF
More results

Similar Description - M6111FKTCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
MTCO1112 MTRONPTI-MTCO1112 Datasheet
325Kb / 1P
   13.1 x 11.7 mm, 3.0 or 5.0 Volt, Clipped Sinewave, TCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027_0612 MTRONPTI-M6027_0612 Datasheet
264Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com