Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32016ANMJ Datasheet(PDF) 5 Page - MTRONPTI

Part # M32016ANMJ
Description  9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M32016ANMJ Datasheet(HTML) 5 Page - MTRONPTI

  M32016ANMJ Datasheet HTML 1Page - MTRONPTI M32016ANMJ Datasheet HTML 2Page - MTRONPTI M32016ANMJ Datasheet HTML 3Page - MTRONPTI M32016ANMJ Datasheet HTML 4Page - MTRONPTI M32016ANMJ Datasheet HTML 5Page - MTRONPTI M32016ANMJ Datasheet HTML 6Page - MTRONPTI M32016ANMJ Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
Handling Information
Quality Parameters
Part Marking Guide
Although protection circuitry has been designed into the M320x oscillator, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body
model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the circuit parameters used to define the mode. Although no industry-
wide standard has been adopted for the CDM, a standard HBM (resistance = 1500 Ω, capacitance = 100 pF) is
widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was
obtained using these circuit parameters.
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt,
LVPECL/LVDS/CML, VCXO
Line 1: Model Number
Line 2: Frequency
Line 3: Date Code
Line 4: Pin 1 Indicator / MtronPTI


Similar Part No. - M32016ANMJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M32016AGLJ MTRONPTI-M32016AGLJ Datasheet
334Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M32016AGLJ MTRONPTI-M32016AGLJ Datasheet
354Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M32016AGMJ MTRONPTI-M32016AGMJ Datasheet
334Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M32016AGMJ MTRONPTI-M32016AGMJ Datasheet
354Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M32016AGPJ MTRONPTI-M32016AGPJ Datasheet
334Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
More results

Similar Description - M32016ANMJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M320X MTRONPTI-M320X Datasheet
334Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M320X_0611 MTRONPTI-M320X_0611 Datasheet
354Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
MPV3 MTRONPTI-MPV3 Datasheet
259Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3 MTRONPTI-MPV3_06 Datasheet
277Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X Datasheet
340Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com