Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16110-GR-F-ET-ELP-RD-12 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 16110-GR-F-ET-ELP-RD-12
Description  LCD Component
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16110-GR-F-ET-ELP-RD-12 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 14Page - List of Unclassifed Manufacturers 16110-GR-F-ET-ELP-RD-12 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16110
3. OPERATING PRINCIPALS AND METHODES
3. OPERATING PRINCIPALS AND METHODES
• Control and Display Command
• Control and Display Command
Command
Command
RS
RS
R/W
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Exe Time
Exe Time
f=250khz
f=250khz
Remark
Remark
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Display Clear
L
L
L
L
L
L
L
L
L
H
1.64ms
Return Home
L
L
L
L
L
L
L
L
H
X
1.64ms
Cursor move to first digit
Entry Mode Set
L
L
L
L
L
L
L
H
I/D
SH
42
μs
• I/D : Set cursor move direction
• SH : Specifies shift of display
Display On/Off
L
L
L
L
L
L
H
D
C
B
42
μs
• Display
• Cursor
• Blinking
H
Increase
I/D
L
Decrease
H
Display is shifted
SH
L
Display is not
shifted
H
Display on
D
L
Display off
H
Cursor on
C
L
Cursor off
H
Blinking on
B
L
Blinking off
Shift
L
L
L
L
L
H
S/C
R/L
X
X
42
μs
Set Function
L
L
L
L
H
DL
N
F
X
X
42
μs
H
Display shift
S/C
L
Cursor move
H
Right shift
R/L
L
Left shift
H
8 bits interface
DL
L
4 bits interface
H
2 line display
N
L
1 line display
H
5 X 10 dots
F
L
5 X 7 dots
Set Cg Ram Address
L
L
L
H
CG RAM address
(corresponds to cursor address)
42
μs
CG RAM Data is sent and
received after this setting
Set Dd Ram
Address
L
L
H
DD RAM address
42
μs
DD RAM Data is sent and
received after this setting
Read Busy Flag &
Address
L
H
BF
Address Counter used for
both DD & CG RAM address
0
μs
− Reads BF indication internal
operating is being performed
− Reads addr counter contents
Write Data
H
L
Write Data
46
μs
Write data into DD or CG RAM
Read Data
H
H
Read Data
46
μs
Read data from DD or CG RAM
H
Busy
BF
L
Ready
X : Don’t care
PACIFIC DISPLAY DEVICES
04.05.2005
11


Similar Part No. - 16110-GR-F-ET-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
16110-D1-A-X TEC-16110-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-B-X TEC-16110-D1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-C-X TEC-16110-D1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-D-X TEC-16110-D1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-E-X TEC-16110-D1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 16110-GR-F-ET-ELP-RD-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
   LCD component
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
   SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
   Component housing
2015-11-27
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
   Component Video Selector
Rev. D, 06-Sep-99
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
   1200bps Component Modem
logo
Richco, Inc.
VM-1002 RICHCO-VM-1002 Datasheet
54Kb / 1P
   COMPONENT CLIPS, MOLDED
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Littelfuse
ZEN056V260A16YC LITTELFUSE-ZEN056V260A16YC Datasheet
1Mb / 8P
   Single component placement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com