Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5408DJ Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV5408DJ
Description  32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408DJ Datasheet(HTML) 5 Page - Supertex, Inc

  HV5408DJ Datasheet HTML 1Page - Supertex, Inc HV5408DJ Datasheet HTML 2Page - Supertex, Inc HV5408DJ Datasheet HTML 3Page - Supertex, Inc HV5408DJ Datasheet HTML 4Page - Supertex, Inc HV5408DJ Datasheet HTML 5Page - Supertex, Inc HV5408DJ Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV5308/HV5408
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package
Pin Configuration
HV53
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 17
23
GND
2HVOUT 16
24
VPP
3HVOUT 15
25
VDD
4HVOUT 14
26
Latch Enable
5HVOUT 13
27
Data In
6HVOUT 12
28
Output Enable
7HVOUT 11
29
N/C
8HVOUT 10
30
HVOUT 32
9HVOUT 931
HVOUT 31
10
HVOUT 832
HVOUT 30
11
HVOUT 733
HVOUT 29
12
HVOUT 634
HVOUT 28
13
HVOUT 535
HVOUT 27
14
HVOUT 436
HVOUT 26
15
HVOUT 337
HVOUT 25
16
HVOUT 238
HVOUT 24
17
HVOUT 139
HVOUT 23
18
Data Out
40
HVOUT 22
19
N/C
41
HVOUT 21
20
N/C
42
HVOUT 20
21
N/C
43
HVOUT 19
22
Clock
44
HVOUT 18
HV54
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT16
23
GND
2HVOUT17
24
VPP
3HVOUT18
25
VDD
4HVOUT19
26
Latch Enable
5HVOUT20
27
Data In
6HVOUT21
28
Output Enable
7HVOUT22
29
N/C
8HVOUT23
30
HVOUT1
9HVOUT24
31
HVOUT2
10
HVOUT25
32
HVOUT3
11
HVOUT26
33
HVOUT4
12
HVOUT27
34
HVOUT5
13
HVOUT28
35
HVOUT6
14
HVOUT29
36
HVOUT7
15
HVOUT30
37
HVOUT8
16
HVOUT31
38
HVOUT9
17
HVOUT32
39
HVOUT10
18
Data Out
40
HVOUT11
19
N/C
41
HVOUT12
20
N/C
42
HVOUT13
21
N/C
43
HVOUT14
22
Clock
44
HVOUT15
Package Outline


Similar Part No. - HV5408DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408 SUTEX-HV5408 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5408 MICROCHIP-HV5408 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5408B SUTEX-HV5408B Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5408PG-B-G MICROCHIP-HV5408PG-B-G Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
HV5408PG-B-G-M903 MICROCHIP-HV5408PG-B-G-M903 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
More results

Similar Description - HV5408DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com