Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBHV57708DG Datasheet(PDF) 1 Page - Supertex, Inc

Part # RBHV57708DG
Description  32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

RBHV57708DG Datasheet(HTML) 1 Page - Supertex, Inc

  RBHV57708DG Datasheet HTML 1Page - Supertex, Inc RBHV57708DG Datasheet HTML 2Page - Supertex, Inc RBHV57708DG Datasheet HTML 3Page - Supertex, Inc RBHV57708DG Datasheet HTML 4Page - Supertex, Inc RBHV57708DG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV57708
Device
80 Lead Quad
80 Lead Quad
80 Lead Quad
Ceramic Gullwing
Plastic Gullwing
Ceramic Gullwing
Die
(MIL-STD-883 Processed*)
(MIL-STD-883 Processed*)
HV57708
HV57708DG
HV57708PG
RBHV57708DG
HV57708X
* For Hi-Rel process flows, refer to page 5-3 of the Databook.
32 MHz, 64-Channel Serial To Parallel Converter
With Push-Pull Outputs
Ordering Information
Package Options
General Description
The HV577 is a low-voltage serial to high-voltage parallel con-
verter with push-pull outputs. This device has been designed for
use as a driver for electroluminescent displays. It can also be used
in any application requiring multiple output high-voltage current
sourcing and sinking capability such as driving plasma panels,
vacuum fluorescent displays, or large matrix LCD displays.
The device has 4 parallel 16-bit shift registers, permitting data
rates 4X the speed of one ( they are clocked together). There are
also 64 latches and control logic to perform the polarity select and
blanking of the outputs. HVout1 is connected to the first stage of
the first shift register through the polarity and blanking logic. Data
is shifted through the shift registers on the logic low to high
transition of the clock. The DIR pin causes CCW shifting when
connected to GND, and CW shifting when connected to V
DD. A
data output buffer is provided for cascading devices. This output
reflects the current status of the last bit of the shift register
(HV
OUT64). Operation of the shift register is not affected by the LE
(latch enable), BL (blanking), or the POL (polarity) inputs. Trans-
fer of data from the shift registers to the latches occurs when the
LE (latch enable) input is high. The data in the latches is stored
when LE is low.
Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic
❏ Output voltages up to 80V
❏ Low power level shifting
❏ 32MHz equivalent data rate
❏ Latched data outputs
❏ Forward and reverse shifting options (DIR pin)
❏ Diode to V
PP allows efficient power recovery
❏ Outputs may be hot switched
❏ Hi-Rel processing available
Absolute Maximum Ratings
Supply voltage, V
DD
1
-0.5V to +7.5V
Output voltage, VPP
1
-0.5V to +90V
Logic input levels1
-0.3V to VDD +0.3V
Ground current 2
1.5A
Continuous total power dissipation 3
Plastic
1200mW
Ceramic
1900mW
Operating temperature range
Plastic
-40 to 85°C
Ceramic
-55°C to 125°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. All voltages are referenced to GND.
2. Limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C for plastic and at 19mW/°C for ceramic.
For detailed circuit and application information, please refer
to application note AN-H3.


Similar Part No. - RBHV57708DG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
RBHV57009DG SUTEX-RBHV57009DG Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
RBHV57908DG SUTEX-RBHV57908DG Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results

Similar Description - RBHV57708DG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
logo
Microchip Technology
HV7620 MICROCHIP-HV7620 Datasheet
529Kb / 16P
   40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
logo
Supertex, Inc
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com