Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16110-BN-R-ET-LED-BG-12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 16110-BN-R-ET-LED-BG-12
Description  LCD Component
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16110-BN-R-ET-LED-BG-12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  16110-BN-R-ET-LED-BG-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16110-BN-R-ET-LED-BG-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16110
1.6 Input Signal Function
Pin NO.
Symbol
Level
Description
1
VSS
0V
Ground
2
VDD
5.0V
Supply voltage for logic
3
VO
---
Input voltage for LCD
4
RS
H/L
H : Data signal, L : Instruction signal
5
R/W
H/L
H : Read mode, L : Write mode
6
E
H, H L
Chip enable signal
7
DB0
H/L
Data bit 0
8
DB1
H/L
Data bit 1
9
DB2
H/L
Data bit 2
10
DB3
H/L
Data bit 3
11
DB4
H/L
Data bit 4
12
DB5
H/L
Data bit 5
13
DB6
H/L
Data bit 6
14
DB7
H/L
Data bit 7
15
BLA
4.1V
Back light anode
16
BLK
0V
Back light cathode
1.7 LCM Contrast Control and Bias
PACIFIC DISPLAY DEVICES
04.05.2005
4


Similar Part No. - 16110-BN-R-ET-LED-BG-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
16110-D1-A-X TEC-16110-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-B-X TEC-16110-D1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-C-X TEC-16110-D1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-D-X TEC-16110-D1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
16110-D1-E-X TEC-16110-D1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 16110-BN-R-ET-LED-BG-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
   LCD component
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
   SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
   Component housing
2015-11-27
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
   Component Video Selector
Rev. D, 06-Sep-99
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
   1200bps Component Modem
logo
Richco, Inc.
VM-1002 RICHCO-VM-1002 Datasheet
54Kb / 1P
   COMPONENT CLIPS, MOLDED
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Littelfuse
ZEN056V260A16YC LITTELFUSE-ZEN056V260A16YC Datasheet
1Mb / 8P
   Single component placement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com