Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSTM-S3-TR-S2032.768M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # MSTM-S3-TR-S2032.768M
Description  Stratum 3 Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-TR-S2032.768M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  MSTM-S3-TR-S2032.768M Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-TR-S2032.768M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet #: TM027
Page 4 of 16
Rev: P05
Date: 12 / 02 / 02
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Ordering Information
MSTM-S3-TR-(Input Reference Frequency)(Opt_Out Frequency)-(Primary Output)
1= 1.544 MHz
Primary Output
÷ N option:
02.048M = 2.048MHz
2= 2.048 MHz
2= 2.048 MHz
016.384M = 16.384 MHz
8= 8 kHz
8= 8 kHz
019.44M = 19.44 MHz
9= 19.44 MHz
N= No output
032.768M = 32.768 MHz
S= Other
S= Other
038.88 M = 38.88 MHz
Reference Clock Out option:
077.76 M = 77.76 MHz
6= 16.384 MHz
9= 19.44 MHz
Example: MSTM-S3-TR-88-038.88M
Pin Description
Table 5
Pin #
Connection
Description
1
Hold Over
Indicator output. High output when Hold Over mode is selected by control pins.
2
Ref 1
Indicator output. High output when Ref 1 mode is selected by control pins.
3
Ref 2
Indicator output. High output when Ref 2 mode is selected by control pins.
4
Free Run
Indicator output. High output when Free Run mode is selected by control pins.
5
GND
Ground
6
Alarm _Out
Alarm output. High output if module is in Free Run, or Hold Over, or LOR.
7
CNTL A
Mode control input
8
CNTL B
Mode control input
9
PLL_Unlock
Indicates that the PLL is not locked to a reference.
10
Tri-State/GND
0 = Normal operation, 1= Tri-State. Pin is pulled low internally.
Ground pin for normal operation.
11
Sync_Out
Primary timing output signal. Signal is sychronized to reference.
12
GND
Ground
13
Opt_Out
Secondary output signal. Signal is derived from Sync_Out or from an internal
reference clock depending upon the choosen configuration.
14
GND
Ground
15
Ex_Ref_2
External Input Reference #2
16
GND
Ground
17
Ex_Ref_1
External Input Reference #1
18
Vcc
+5V dc supply


Similar Part No. - MSTM-S3-TR-S2032.768M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results

Similar Description - MSTM-S3-TR-S2032.768M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com