Selected language     English  ā–¼


D-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. D-30
Description  30W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
5V
24V
1A
2.2A
1A
0.1~1A
0.5~4A
0.1~1A
35W
100mVp-p
50mVp-p
100mVp-p
+3,-7%
2%
+3,-5%
1.0%
0.5%
1.0%
4.0%
0.5%
4.0%
200ms,50ms,30msatfullload
85~132VAC/170~264VAC
240~370VDC
selectedbyswitch
47~63Hz
72%
74%
0.8A/115VAC0.45A/230VAC
COLDSTART 18A/115VAC36A/230VAC
<1mA /240VAC
105~150% ratedoutputpower
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved.
DesignrefertoUL1012
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
417.6Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
FileName:D-30-SPEC2004-06-30
5V
4A
0.5~4A
32W
50mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
0.5%
0.5%
D-30A
D-30B
0.41Kg;30pcs/13.4Kg/0.86CUFT
30WDualOutputSwitchingPowerSupply
D - 3 0 series
AC input range selected by switch
Protections:Short circuit/Over load
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 23KHz
1 year warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Designreferto
Conduction
FCCPart15J
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
VD-120BDual Output Switching Power Supply 1 2 CUI INC
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
RD-8585W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
RD-125125W Dual Output Switching Power Supply 1 2 3 4 Astrodyne Corporation
PSRL0601D300 Watt Dual Output AC/DC Switching Power Supply 1 2 3 4 5 Wall Industries,Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl