Selected language     English  ā–¼


D-30A Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. D-30A
Description  30W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
StaticCharacteristics(B)
FileName:D-30-SPEC2004-06-30
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-10
0
20
10
30
40
20
40
80
60
100
60
50
(HORIZONTAL)
(VERTICAL)
55
45
0
-10
Ta=25
4.0
60
4.2
4.6
4.4
5.2
5.0
4.8
25
50
150
100
200
250
300
85
95
90
110
115
105
100
120
130
125
22
23
24
20
21
19
25
250
260
240
200
210
230
220
180
190
170
120
+5V
+24V
+5V
+24V
7
6
5
4
3
2
1
4.5
73.5
122.5
129
3 -M
3
120
6.5
77
32
3 .5
TerminalPin.No Assignment
PinNo.
PinNo.
PinNo.
1
2
4
3
5
6
7
Assignment
Assignment
Assignment
DCOUTPUT COM
DCOUTPUT +V2
DCOUTPUT COM
DCOUTPUT +V1
FG
AC/L
AC/N
OutputDerating
30WDualOutputSwitchingPowerSupply
D - 3 0 series




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
VD-120BDual Output Switching Power Supply 1 2 CUI INC
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
RD-8585W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
RD-125125W Dual Output Switching Power Supply 1 2 3 4 Astrodyne Corporation
PSRL0601D300 Watt Dual Output AC/DC Switching Power Supply 1 2 3 4 5 Wall Industries,Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl