Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV62208PG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV62208PG
Description  32-Channel 256 Gray-Shade High Voltage Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV62208PG Datasheet(HTML) 1 Page - Supertex, Inc

  HV62208PG Datasheet HTML 1Page - Supertex, Inc HV62208PG Datasheet HTML 2Page - Supertex, Inc HV62208PG Datasheet HTML 3Page - Supertex, Inc HV62208PG Datasheet HTML 4Page - Supertex, Inc HV62208PG Datasheet HTML 5Page - Supertex, Inc HV62208PG Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HV62208
32-Channel 256 Gray-Shade High Voltage Driver
Absolute Maximum Ratings
Supply voltage, VDD
-0.5V to +7.5V
Supply voltage, V
PP
-0.5V to +80V
Supply voltage, VNN
-15V to 0V
Logic input levels
-0.5 to VDD + 0.5V
Continuous total power dissipation
1.2W
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Notes:
All voltages are referenced to GND.
Maximum V
PP to VNN voltage is 90V.
For operation above 25°C ambient derate linearly to 85°C at 20mW/°C.
Features
❏ HVCMOS® technology
❏ 5V CMOS inputs
❏ Up to 80V output voltage
❏ PWM gray shade conversion
❏ Capable of 256 levels of gray shading
❏ Balanced shift clock complies with RS-422
❏ 8MHz shift and count clock frequency
❏ 16MHz data throughput rate
❏ 8 bit data bus
❏ 32 outputs per device
❏ BLANK function
General Description
Not recommended for new designs. Please use HV632 instead.
The HV622 is a 32-channel gray-shade column driver IC de-
signed for driving electrofluorescent displays. Using Supertex’s
unique HVCMOS® technology, it is capable of 256 levels of gray
shading by PWM conversion.
The shift clock is a balanced clock with electrical characteristics
complying with EIA RS-422 standard. Input data, in groups of
eight, is latched into a set of data latches on both edges of the shift
clock. The data shifted in the first data latch corresponds to
HVOUT1, the second data latch corresponds to HVOUT2, and so on.
These data are compared to the contents of the master binary
counter which counts on both edges of the count clock. Each time
the master counter begins to decrement from 1111 1111, the data
in the data latches are compared with the contents of the counter;
if they match, the corresponding outputs will go high. The master
counter counts down to 0000 0001 and then starts to count up
again. The outputs that are at high will stay at high until the
contents of the counter match the data in the data latches again.
Therefore, the higher the binary data in the data latches, the
longer the outputs will stay at high. Thus, different high voltage
pulse widths are produced. When the counter reaches its
1111 1111 count while counting up, the device is ready for the
next operation cycle. A data value of 0000 0000 produces no
pulse; the output stays low.
The BLANK input signal will reset the master counter to all ones
(1111 1111) and set all high voltage outputs to low.
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Ordering Information
Package Option
Device
64-Lead 3-Sided Plastic Gullwing
Die
HV62208
HV62208PG
HV62208X


Similar Part No. - HV62208PG

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HV62 YHDC-HV62 Datasheet
3Mb / 1P
   Hall voltage sensor
logo
Connor-Winfield Corpora...
HV62-100 CONNOR-WINFIELD-HV62-100 Datasheet
105Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV62-150 CONNOR-WINFIELD-HV62-150 Datasheet
105Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV62-160 CONNOR-WINFIELD-HV62-160 Datasheet
105Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV62-200 CONNOR-WINFIELD-HV62-200 Datasheet
105Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
More results

Similar Description - HV62208PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV632 SUTEX-HV632_13 Datasheet
843Kb / 9P
   32-Channel, 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632 Datasheet
83Kb / 8P
   32-Channel 256 Gray-Shade High Voltage Driver
HV633 SUTEX-HV633_03 Datasheet
109Kb / 11P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV623 SUTEX-HV623 Datasheet
64Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV633PG-G SUTEX-HV633PG-G Datasheet
813Kb / 13P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
   64-Channel Gray-Shade Display Column Driver
logo
WORLDSEMI CO., LIMITED
WS2818B WORLDSEMI-WS2818B Datasheet
605Kb / 8P
   Single-line 256 Gray-level 3-channel Constant Current LED Driver IC
WS2818A WORLDSEMI-WS2818A Datasheet
493Kb / 7P
   Single-line 256 Gray-level 3-channel Constant Current LED Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com