Selected language     English  ā–¼


D-50 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. D-50
Description  50W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
5V
24V
2A
6A
1A
0.3~2A
1~6A
0.2~1A
54W
100mVp-p
50mVp-p
100mVp-p
+5,-8%
2.0%
8.0%
8.0%
1.0%
0.5%
1.0%
5.0%
0.5%
200ms,100ms,20ms atfullload
85~132VAC/170~264VACselectedbyswitch240~370VDC
47~63Hz
73%
73%
1.3A/115VAC0.65A/230VAC
COLDSTART 18A/115VAC36A/230VAC
<0.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
DesignrefertoUL1012
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
408.9Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:D-50-SPEC2004-06-30
5V
6A
1~6A
54W
50mVp-p
2.0%
0.5%
0.5%
D-50A
D-50B
0.53Kg;24pcs/13.6Kg/0.75CUFT
CH1:4.75~5.5V
CH1: 4.75~5.5V
SAFETY &
EMC
50WDualOutputSwitchingPowerSupply
AC input selectable by switch
Protections:Short circuit/Over load
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 24KHz I/P-O/P:Rated
1 year warranty
Features :
D - 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
Designreferto
Conduction
FCCPart15J
EMICONDUCTION&RADIATION




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
LPS-5050W Single Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
D-3030W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RD-8585W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
RD-125125W Dual Output Switching Power Supply 1 2 3 4 Astrodyne Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl