Electronic Components Datasheet Search
Selected language     English  ā–¼


D-60 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. D-60
Description  60W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
CH2
5V
CH1
24V
CH2
3A
3A
1.8A
0.2~4A
0.3~6A
0.2~2.2A
58W
150mVp-p
75mVp-p
150mVp-p
6.0%
2.0%
5.0%
1.0%
0.5%
0.5%
4.0%
0.5%
4.0%
300ms,50ms/230VAC
800ms,50ms/115VACatfullload
80ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
73%
76%
2A/115VAC1A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
5V:5.75~6.75V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
UL1012,UL60950, TUVEN60950 Approved
CompliancetoEN55022(CISPR22)ClassB
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
301.2Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:D-60-SPEC2005-09-13
5V
4A
0.3~6A
56W
75mVp-p
2.0%
0.5%
0.5%
D-60A
D-60B
0.54Kg;24pcs/13.8Kg/0.75CUFT
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
CH1:4.75~5.5V
CH1:4.75~5.5V
60WDualOutputSwitchingPowerSupply
Universal AC input/Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 54KHz
2 years warranty
Features :
D - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
CH1
OUTPUTNUMBER




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AD-120120W Dual Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
VSBU-120-DDual Output Switching Power Supply 1 2 3 CUI INC
PSASC30 Watt Encapsulated PCB Mount Single Dual and Triple Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
VD-120Adual output switching power supply 1 2 CUI INC
VD-120BDual Output Switching Power Supply 1 2 CUI INC
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
CLG-6060W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl