Selected language     English  ā–¼


D-50B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. D-50B
Description  50W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MechanicalSpecification
CaseNo.901Unit:mm
StaticCharacteristics(B)
FileName:D-50-SPEC2004-06-30
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
50
(HORIZONTAL)
(VERTICAL)
Ta=25
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5,6
7
Assignment
Assignment
DCOUTPUT +V2
DCOUTPUT COM
DCOUTPUT +V1
FG
AC/L
AC/N
+24V
+5V
+24V
+5V
25
19
21
20
24
23
22
125
250
130
260
120
240
100
200
105
210
115
230
110
220
90
180
95
190
85
170
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
60
120
4.0
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
7
6
5
4
3
2
1
D-50A
D-50B
OutputDerating
50WDualOutputSwitchingPowerSupply
D - 5 0 series




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RD-5050W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RD-3535W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
LPS-5050W Single Output Switching Power Supply 1 2 Astrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
D-3030W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RD-8585W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
RD-125125W Dual Output Switching Power Supply 1 2 3 4 Astrodyne Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl